Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW7IC2750NR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MW7IC2750NR1
Description  RF LDMOS Wideband Integrated Power Amplifier Capable of Handling 10:1 VSWR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2750NR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MW7IC2750NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW7IC2750NR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MW7IC2750NR1 MW7IC2750GNR1 MW7IC2750NBR1
9
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
3400
--20
30
1800
--40
10
S21
f, FREQUENCY (MHz)
Figure 12. Broadband Frequency Response
S11
0
20
--10
10
--20
0
--30
--10
2800
2600
2400
2200
2000
VDD =28 Vdc
IDQ1 = 160 mA, IDQ2 = 550 mA
3000
3200
Figure 13. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD =28 Vdc,Pout = 8 W Avg., and PAE = 17%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
108
107
105
110
130
150
170
190
210
230
2nd Stage
1st Stage
106


Similar Part No. - MW7IC2750NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2750NR1 FREESCALE-MW7IC2750NR1 Datasheet
898Kb / 25P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2750NR1 FREESCALE-MW7IC2750NR1 Datasheet
789Kb / 25P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MW7IC2750NR1 FREESCALE-MW7IC2750NR1 Datasheet
881Kb / 25P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2750NR1 NXP-MW7IC2750NR1 Datasheet
1Mb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 4, 10/2011
logo
Freescale Semiconductor...
MW7IC2750NR1 FREESCALE-MW7IC2750NR1_10 Datasheet
898Kb / 25P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW7IC2750NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com