Electronic Components Datasheet Search |
|
MIC2566-0YM Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS |
|
MIC2566-0YM Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS |
3 / 10 page May 2003 3 MIC2566 MIC2566 Micrel Absolute Maximum Ratings (Note 1) V CC3 IN ....................................................................... +6.0V V CC5 IN ....................................................................... +6.0V V EN0, VEN1, VCC5EN, VCC3EN ............................ –0.3V to +6.0V V FLAG ......................................................................... +6.0V V PP OUT ................................... >120mA, Internally Limited V CC OUT ......................................... >1A, Internally Limited Power Dissipation at T A ≤ 25°C (PD) ....... Internally Limited Storage Temperature ............................... –65 °C to +150°C Lead Temperature (5 sec.) ...................................... +260 °C ESD Rating, Note 3 Operating Ratings (Note 2) V CC3 IN ........................................................ +3.0V to +5.5V V CC5 IN ............................................................. 0V to +5.5V V EN0, VEN1, VCC5EN, VCC3EN .................................. 0V to +5.5V V PP OUT ............................................................ 0 to 120mA V CC OUT .................................................................. 0 to 1A Clock Frequency ................................................. 0 to 2MHz Ambient Temperature (T A) ......................... –40°C to +85°C Junction Temperature (T J) ...................................... +125°C Package Thermal Resistance ( θ JA) SOP ................................................................. 90 °C/W TSSOP ............................................................ 83 °C/W Electrical Characteristics (Note 4) Specified over operating ambient temperature range of –40 °C to +85°C with V CC3 IN = 3.3V, VCC5 IN = 5.0V, unless otherwise specified. Symbol Parameter Condition Min Typ Max Units DIGITAL INPUTS (V EN0, VEN1, VCC3EN, VCC5EN) V IH Logic 1 Input Voltage 0.7xV CC3IN 5.5 V V IL Logic 0 Input Voltage –0.3 0.3xV CC3IN V I IN Input Current 0 V < V IN < 5.5V ±2 µA V PP OUTPUT I PP OUT High Impedance Output Shutdown Mode 1 10 µA Hi-Z Leakage Current 0 ≤ V PP OUT ≤ 5V I PPSC Short Circuit Current Limit V PP OUT = 0V 0.12 0.4 A R O Switch Resistance Select V PP OUT = 5V 1.4 3 Ω Select V PP OUT = 3.3V 1.5 4 Ω I PP OUT = –100mA (Sourcing) R O Switch Resistance, Select V PP OUT = clamped to ground 1300 3900 Ω Select V PP OUT = 0V I PP OUT = 50µA (Sinking) V PP SWITCHING TIME (See Figure 1) t 1 Output Turn-On Delay V PP OUT = Hi-Z to 10% of 3.3V 5 50 µs t 2 Note 5 V PP OUT = Hi-Z to 10% of 5V 10 50 µs t 3 Output Rise Time V PP OUT = 10% to 90% of 3.3V 100 200 800 µs t 4 Note 5 V PP OUT = 10% to 90% of 5V 100 300 1000 µs t 5 Output Turn-Off Delay Time V PP OUT = 3.3V to Hi-Z 400 1000 ns t 6 Note 5 V PP OUT = 5V to Hi-Z 400 1000 ns t 7 Output Turn-Off Fall Time V PP OUT = 90% to 10% of 3.3V 50 1000 ns t 8 Note 5 V PP OUT = 90% to 10% of 5V 50 1000 ns V CC OUTPUT I CCSC Short Circuit Current Limit V CC OUT = 0V 1 1.5 A R O Switch Resistance Select V CC OUT = 3.3V 120 180 m Ω I CC OUT = –1A (Sourcing) Select V CC OUT = 5V 90 135 m Ω I CC OUT = –1A (Sourcing) Select V CC OUT = clamped to ground 1800 3900 Ω I CC OUT = 1mA (Sinking) |
Similar Part No. - MIC2566-0YM |
|
Similar Description - MIC2566-0YM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |