Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2566-0YM Datasheet(PDF) 10 Page - MIC GROUP RECTIFIERS

Part # MIC2566-0YM
Description  Single-Slot PC Card/CardBus Power Controller Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2566-0YM Datasheet(HTML) 10 Page - MIC GROUP RECTIFIERS

Back Button MIC2566-0YM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2566-0YM Datasheet HTML 10Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC2566
Micrel
MIC2566
10
May 2003
Package Information
45
°
3
°–6°
0.244 (6.20)
0.228 (5.80)
0.344 (8.75)
0.337 (8.55)
0.006 (0.15)
SEATING
PLANE
0.026 (0.65)
MAX)
0.016 (0.40)
TYP
0.154 (3.90)
0.057 (1.45)
0.049 (1.25)
0.193 (4.90)
0.050 (1.27)
TYP
PIN 1
DIMENSIONS:
INCHES (MM)
14-Pin SOP
1.10 MAX (0.043)
0.15 (0.006)
0.05 (0.002)
1.00 (0.039) REF
0.65 BSC
(0.026)
8
°
0
°
6.4 BSC (0.252)
5.10 (0.200)
4.90 (0.193)
0.20 (0.008)
0.09 (0.003)
0.70 (0.028)
0.50 (0.020)
DIMENSIONS:
MM (INCH)
4.50 (0.177)
4.30 (0.169)
0.30 (0.012)
0.19 (0.007)
14-Pin TSSOP
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2003 Micrel, Incorporated.


Similar Part No. - MIC2566-0YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2566-0YM MICREL-MIC2566-0YM Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
More results

Similar Description - MIC2566-0YM

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
Micrel Semiconductor
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
List of Unclassifed Man...
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com