Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2568-1BSM Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC2568-1BSM
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568-1BSM Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC2568-1BSM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568-1BSM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
May 2003
3
MIC2568
MIC2568
Micrel
Absolute Maximum Ratings (Note 1)
V
CC5 IN [5V] Supply Voltage (VCC5 IN) .......................... +6V
V
CC3 IN [3.3V] Supply Voltage (VCC3 IN) ....................... +6V
Logic Input Voltages (V
CCx EN, VENx) ............ –0.3V to +6V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (5 sec.) ........................................ 260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
V
CC5 IN [5V] Supply Voltage (VCC5 IN), Note 5
............................................................ +4.5V to +5.5V
V
CC3 IN [3.3V] Supply Voltage (VCC3 IN), Note 6
............................................................ +3.0V to +5.5V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Junction Temperature (T
J) ....................... Internally Limited
Thermal Resistance
SSOP (
θ
JA) .......................................................... 84°C/W
TSSOP (
θ
JA) ..................................................... 100°C/W
Electrical Characteristics (Note 4)
V
CC3 IN = 3.3V, VCC5 IN = 5.0V; specified over operating temperature range of –40°C to +85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital Inputs
V
IH
Logic-1 Input Voltage
V
CC3 IN = 3.0V to 5.5V
0.7V
CC3 IN
5.5
V
V
IL
Logic-0 Input Voltage
V
CC3 IN = 3.0V to 5.5V
–0.3
0.3V
CC3 IN
V
I
IN
Input Current
0V
≤ V
IN ≤ 5.5V
±2
µA
V
PP Output
I
PP OUT
High Impedance Output
Shutdown mode
1
10
µA
Hi-Z
Leakage Current
0
≤ V
PP OUT = 0V
I
PPSC
Short Circuit Current Limit
V
PP OUT = 0V
0.12
0.3
A
R
O
Switch Resistance
V
PP OUT = 5V selected,
1.4
4
I
PP OUT = –100mA (sourcing)
V
PP OUT = 3.3V selected,
1.5
4
I
PP OUT = –100mA (sourcing)
V
PP OUT = 0V [ground] selected,
1300
3900
I
PP OUT = 50µA (sinking)
V
PP Switching Time (See Figure 1)
t
1
Output Turn-On Delay, Note 7
V
PP OUT = Hi-Z to 10% of 3.3V
5
50
µs
t
2
V
PP OUT = Hi-Z to 10% of 5V
10
50
µs
t
3
Output Rise Time, Note 7
V
PP OUT = 10% to 90% of 3.3V
100
200
800
µs
t
4
V
PP OUT = 10% to 90% of 5V
100
300
1000
µs
t
5
Output Turnoff Fall Time, Note 7
V
PP OUT = 90% to 10% of 3.3V
50
1000
ns
t
6
V
PP OUT = 90% to 10% of 5V
50
1000
ns
t
7
Output Turnoff Delay Time,
V
PP OUT = 3.3V to Hi-Z
400
1000
ns
t
8
Notes 7, 8
V
PP OUT = 5V to Hi-Z
400
1000
ns
V
CC Output
I
CCSC
Short Circuit Current Limit
V
CC OUT = 0V, normal mode,
1.0
1.5
A
V
CC3 or VCC5 switches
R
O
Switch Resistance
V
CC OUT = 3.3V selected,
120
180
m
I
CC OUT = –1A (sourcing)
V
CC OUT = 5V selected,
90
135
m
I
CC OUT = –1A (sourcing)
V
CC OUT = 0V [ground] selected,
1800
3900
I
CC OUT = 0.1mA (sinking)


Similar Part No. - MIC2568-1BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
More results

Similar Description - MIC2568-1BSM

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com