Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2568-0YSM Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MIC2568-0YSM
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568-0YSM Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MIC2568-0YSM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568-0YSM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2003
1
MIC2568
MIC2568
Micrel
MIC2568
Dual-Slot PC Card/CardBus Power Controller
Preliminary
General Description
The MIC2568 dual-slot PC Card / CardBus power controller
is a V
CC and VPP power switch matrix that supports 3.3V and
5V PC Card (PCMCIA) slot power supply pins.
The MIC2568 can switch PC Card slot V
CC voltages between
0V (ground), 3.3V and 5.0V and V
PP voltages between 0V
(ground), 3.3V, 5V, or high impedance at output currents of
up to 1A for V
CC and 250mA for VPP. The MIC2568 features
well-controlled voltage rise and fall times. Each MIC2568
output voltage is switched by two digital inputs, typically
controlled from a separate PC Card logic controller.
The MIC2568 is designed for efficient operation. In standby
(sleep) mode the device draws very little quiescent current,
typically only 0.3
µA. The power controller includes thermal
shutdown and protects itself and its PC Card ports with
current limiting. Full cross-conduction lockout protects the
system power supplies.
The MIC2568 is available in 28-pin SSOP and TSSOP
packages.
Typical Application
MIC2568
Power
Controller
GND
AVCC3 IN A VCC5 IN
(OPTIONAL)
3.3V
(OPTIONAL)
5V
System Power Supply
Dual-Slot
PC Card
Logic Controller
AVPP OUT
AVCC OUT
BVPP OUT
BVCC OUT
PC Card
A
VPP1
VPP2
VCC
PC Card
B
VPP1
VPP2
VCC
Motherboard
Slot A
Slot B
Address and data lines
between logic controller and
PCMCIA cards not shown.
A EN1
A EN0
AVCC5 EN
AVCC3 EN
B EN1
B EN0
BVCC5 EN
BVCC3 EN
BVCC3 IN
(OPTIONAL)
BVCC5 IN
VCC
VCC
Independent supply
inputs can be used with
two system power supplies.
(Single system supply shown.)
Dual-Slot PC Card Power Control
Features
• Complete single-chip dual-slot power switch
• No external components required
• Output current limit and thermal shutdown
• Ultra-low power consumption
• Compatible with standard PC Card logic controllers
• Break-before-make switching (no transients)
• Digital V
CC and VPP voltage selection
• > 1A V
CC output current per slot
• > 200mA V
PP output current per slot
• 28-pin SSO and TSSO package
• Pb-free 28-pin SSO package
• UL recognized, file #179633
Applications
• Dual-slot PC Card power supply voltage switch
• CardBus slot power supply control
• Data collection systems
• Machine control data input systems
• Wireless communications
• Bar code data collection systems
• Instrumentation configuration/datalogging
• Portable and desktop computer docking stations
• Power supply management
• Power analog switching
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
UL Recognized Component


Similar Part No. - MIC2568-0YSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
More results

Similar Description - MIC2568-0YSM

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com