Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2619 Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC2619
Description  1.2MHz PWM Boost Converter with OVP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2619 Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC2619 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC2619 Datasheet HTML 13Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
MIC2619
March 2010
9
M9999-030410-A
FB
The feedback pin provides the control path to control the
output. FB requires a resistor divider network to the
output and GND to set the output voltage.
SW
The switching pin connects directly to one end of the
inductor to VIN and the anode of the Schottky diode to
the output. Due to the high switching speed and high
voltage associated with this pin, the switch node should
be routed away from sensitive nodes.
GND
The ground pin is the ground path for high current PWM
mode. The current loop for the power ground should be
kept as small as possible.


Similar Part No. - MIC2619

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
   1.2MHz PWM Boost Converter with OVP
logo
Microchip Technology
MIC2619 MICROCHIP-MIC2619 Datasheet
2Mb / 20P
   1.2 MHz PWM Boost Converter with OVP
Revision A (May 2022)
logo
Micrel Semiconductor
MIC2619YD6 MICREL-MIC2619YD6 Datasheet
685Kb / 15P
   1.2MHz PWM Boost Converter with OVP
MIC2619YD6-TR MICREL-MIC2619YD6-TR Datasheet
685Kb / 15P
   1.2MHz PWM Boost Converter with OVP
logo
Microchip Technology
MIC2619YD6-TR MICROCHIP-MIC2619YD6-TR Datasheet
2Mb / 20P
   1.2 MHz PWM Boost Converter with OVP
Revision A (May 2022)
More results

Similar Description - MIC2619

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
   1.2MHz PWM Boost Converter with OVP
logo
Microchip Technology
MIC2619 MICROCHIP-MIC2619 Datasheet
2Mb / 20P
   1.2 MHz PWM Boost Converter with OVP
Revision A (May 2022)
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com