Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3808 Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC3808
Description  Push-Pull PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3808 Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC3808_11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC3808_11 Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC3808/3809
Micrel
MIC3808/3809
6
April 2005
Typical Characteristics
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
V
DD (V)
MIC3808 V
DD
vs. I
DD
0
1
2
3
4
5
6
7
0
2
4
6
8
10121416
V
DD (V)
MIC3809 V
DD
vs. I
DD
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
02468
10
12
14
V
DD (V)
MIC3809 Oscillator Variation
vs. V
DD
RESISTANCE (kΩ)
Frequency
vs. RC Values
C = 330pF
C = 100pF
C = 220pF
C = 1000pF
C = 680pF
C = 470pF
V
DD = 10V
C = 270pF
10k
100k
1M
50k
100k
150k
200k
0
50
75
100
125
150
175
200
CAPACITANCE (pF)
RC Pin Capacitance
vs. Deadtime
83
84
85
86
87
88
89
RESISTANCE (kΩ)
RC Pin Resistance
vs. Deadtime
1.970
1.975
1.980
1.985
1.990
1.995
2.000
2.005
2.010
2.015
8
9
10 11 12 13 14 15 16
V
DD (V)
MIC3808 V
REFERENCE
vs. V
DD
0.489
0.491
0.493
0.495
0.497
0.499
0.501
8
9
10 11 12 13 14 15 16
V
DD (V)
MIC3808 Current Limit
Threshold vs. V
DD
0.493
0.495
0.497
0.499
0.501
0.503
0.505
4
6
8
10
12
14
16
V
DD (V)
MIC3809 Current Limit
Threshold vs. V
DD
-3
-2
-1
0
1
2
3
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
MIC3809 Oscillator
Frequency Variation
vs. Temperature
V
DD = 5V
V
DD = 10V
1.85
1.87
1.89
1.91
1.93
1.95
1.97
1.99
2.01
2.03
2.05
4
6
8
1012141618
V
DD (V)
MIC3809 V
REFERENCE
vs. V
DD
1.97
1.98
1.98
1.99
1.99
2.00
2.00
2.01
2.01
2.02
2.02
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Error Amplifier Reference
Voltage vs. Temperature


Similar Part No. - MIC3808_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
More results

Similar Description - MIC3808_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com