Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6607 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH6607
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6607 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH6607 Datasheet HTML 1Page - Sanyo Semicon Device MCH6607 Datasheet HTML 2Page - Sanyo Semicon Device MCH6607 Datasheet HTML 3Page - Sanyo Semicon Device MCH6607 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH6607
No.7039-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
28
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
15
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
5.2
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
24
ns
Rise Time
tr
See specified Test Circuit.
75
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
200
ns
Fall Time
tf
See specified Test Circuit.
150
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--200mA
2
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--200mA
0.25
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--200mA
0.35
nC
Diode Forward Voltage
VSD
IS=--200mA, VGS=0
--0.82
--1.2
V
Switching Time Test Circuit
Electrical Connection
0
0
--0.02
--0.04
--0.06
--0.08
--0.12
--0.14
--0.16
--0.18
--0.20
--0.2
--0.10
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
--1.5V
--2.0V
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
0
--0.05
--0.10
--0.15
--0.20
--0.25
--0.30
--0.35
--0.40
ID -- VGS
VDS= --10V
0
0
--1
1
--2
2
--3
3
--4
4
--5
5
6
7
--6
8
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
ID=50mA
100mA
--0.01
1.0
--0.1
23
5
7
2
3
5
7
10
7
5
3
2
--1.0
RDS(on) -- ID
VGS= --4V
Ta=75
°C
25
°C
--25
°C
IT00237
IT00238
IT00239
IT00240
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID= --100mA
RL=150Ω
VDD= --15V
VOUT
MCH6607
VIN
0V
--4V
VIN
D1
G2
S2
S1
D2
G1


Similar Part No. - MCH6607

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6601 SANYO-MCH6601 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
MCH6601 SANYO-MCH6601 Datasheet
77Kb / 4P
   General-Purpose Switching Device Applications
MCH6601 SANYO-MCH6601 Datasheet
494Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6601 ONSEMI-MCH6601 Datasheet
253Kb / 6P
   P-Channel Power MOSFET
August, 2013
MCH6601-TL-E ONSEMI-MCH6601-TL-E Datasheet
253Kb / 6P
   P-Channel Power MOSFET
August, 2013
More results

Similar Description - MCH6607

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com