Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3809 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MIC3809
Description  Push-Pull PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC3809 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MIC3809 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC3809 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC3808/3809
Micrel
MIC3808/3809
2
April 2005
Pin Configuration
1
COMP
FB
CS
RC
8
VDD
OUTA
OUTB
GND
7
6
5
2
3
4
SOIC-8 (M)
MSOP-8 (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
COMP is the output of the error amplifier and the input of the PWM com-
parator. The error amplifier in the MIC3808 is a true low-output impedance,
4MHz operational amplifier. As such, the COMP pin can both source and
sink current. However, the error amplifier is internally current limited, so that
zero duty cycle can be externally forced by pulling COMP to GND. The
MIC3808 family features built-in full cycle soft start. Soft start is imple-
mented as a clamp on the maximum COMP voltage.
2
FB
The inverting input to the error amplifier. For best stability, keep FB lead
length as short as possible and FB stray capacitance as small as possible.
3
CS
The input to the PWM, peak current, and overcurrent comparators. The
overcurrent comparator is only intended for fault sensing. Exceeding the
overcurrent threshold will cause a soft start cycle. An internal MOSFET
discharges the current sense filter capacitor to improve dynamic perfor-
mance of the power converter.
4
RC
The oscillator programming pin. The MIC3808’s oscillator tracks VDD and
GND internally, so that variations in power supply rails minimally affect
frequency stability. Only two components are required to program the
oscillator, a resistor (tied to the VDD and RC), and a capacitor (tied to the RC
and GND). The approximate oscillator frequency is determined by the simple
formula:
F
1.41
RC
OSCILLATOR =
where frequency is in Hertz, resistance in Ohms, and capacitance in Farads.
The recommended range of timing resistors is between 7kΩ and 200kΩ and
range of timing capacitors is between 100pF and 1000pF. Timing resistors
less than 7kΩ should be avoided. For best performance, keep the timing
capacitor lead to GND as short as possible, the timing resistor lead from VDD
as short as possible, and the leads between timing components and RC as
short as possible. Separate ground and VDD traces to the external timing
network are encouraged.
Ordering Information
Part Number
Turn On
Turn Off
Standard
Lead-Free
Threshold
Threshold
Temperature Range
Package
MIC3808BM
MIC3808YM
12.5V
8.3V
–40°C to +85°C
8-Pin SOIC
MIC3809BM
MIC3809YM
4.3V
4.1V
–40°C to +85°C
8-Pin SOIC
MIC3808BMM
MIC3808YMM
12.5V
8.3V
–40°C to +85°C
8-Pin MSOP
MIC3809BMM
MIC3809YMM
4.3V
4.1V
–40°C to +85°C
8-Pin MSOP


Similar Part No. - MIC3809

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3809 MICREL-MIC3809 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
More results

Similar Description - MIC3809

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com