Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6608 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # MCH6608
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6608 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH6608 Datasheet HTML 1Page - Sanyo Semicon Device MCH6608 Datasheet HTML 2Page - Sanyo Semicon Device MCH6608 Datasheet HTML 3Page - Sanyo Semicon Device MCH6608 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH6608
No.7040-1/4
Features
Low ON-resistance.
Ultrahigh-speed switching.
2.5V drive.
Composite type with 2 MOSFETs contained in a single
package, facilitaing high-density mounting.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
0.65
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
2.6
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm)1unit
0.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0
10
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100µA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=150mA
400
560
mS
RDS(on)1
ID=150mA, VGS=4V
0.9
1.2
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=80mA, VGS=2.5V
1.2
1.7
RDS(on)3
ID=10mA, VGS=1.5V
2.6
5.2
Marking : FH
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7040
MCH6608
Package Dimensions
unit : mm
2173A
[MCH6608]
82201 TS IM TA-2463
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
1 : Source1
2 : Gate1
3 : Drain2
4 : Source2
5 : Gate2
6 : Drain1
SANYO : MCPH6
2.0
0.65
0.3
0.15
1
12
3
65
4
32
5
46
Preliminary


Similar Part No. - MCH6608

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6601 SANYO-MCH6601 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
MCH6601 SANYO-MCH6601 Datasheet
77Kb / 4P
   General-Purpose Switching Device Applications
MCH6601 SANYO-MCH6601 Datasheet
494Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6601 ONSEMI-MCH6601 Datasheet
253Kb / 6P
   P-Channel Power MOSFET
August, 2013
MCH6601-TL-E ONSEMI-MCH6601-TL-E Datasheet
253Kb / 6P
   P-Channel Power MOSFET
August, 2013
More results

Similar Description - MCH6608

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com