Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4123 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4123
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4123 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4123_11 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4123_11 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
May 2005
3
M9999-052405
MIC4123/4124/4125
Micrel, Inc.
MIC4123/4124/4125 Electrical Characteristics (Note 4)
4.5V ≤ V
S ≤ 20V; TA = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted. Input Voltage slew rate >2.5V/µs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input
V
IH
Logic 1 Input Voltage
2.4
1.5
V
V
IL
Logic 0 Input Voltage
1.3
0.8
V
I
IN
Input Current
0V ≤ V
IN ≤ VS
–1
1
µA
–10
10
µA
Output
V
OH
High Output Voltage
IOUT = 100µA
V
S–0.025
V
V
OL
Low Output Voltage
IOUT = –100µA
0.025
V
R
O
Output Resistance HI State
I
OUT = 10mA, VS = 20V
2.3
5
Ω
8
Ω
Output Resistance LO State
I
OUT = 10mA, VS = 20V
2.2
5
Ω
8
Ω
I
PK
Peak Output Current
3
A
I
Latch-Up Protection
>200
mA
Withstand Reverse Current
Switching Time
t
R
Rise Time
test Figure 1, C
L = 1800pF
11
35
ns
60
ns
t
F
Fall Time
test Figure 1, C
L = 1800pF
11
35
ns
60
ns
t
D1
Delay Tlme
test Ffigure 1, C
L = 1800pF
44
75
ns
100
ns
t
D2
Delay Time
test Figure 1, C
L = 1800pF
59
75
ns
100
ns
Power Supply
I
S
Power Supply Current
V
IN = 3.0V (both inputs)
1.5
2.5
mA
3.5
mA
I
S
Power Supply Current
V
IN = 0.0V (both inputs)
0.15
0.25
mA
0.3
mA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. ESD tested to human body model, 1.5k in series with 100pF.
Note 4. Specification for packaged product only.
Absolute Maximum Ratings (Note 1)
Supply Voltage ........................................................... +24V
Input Voltage .................................. V
S + 0.3V to GND – 5V
Junction Temperature................................................150°C
Storage Temperature Range ......................–65°C to 150°C
Lead Temperature (10 sec.) ......................................300°C
ESD Susceptability,
Note 3
Operating Ratings (Note 2)
Supply Voltage (V
S) ......................................+4.5V to +20V
Junction Temperature Range .....................–40°C to 125°C
Package Thermal Resistance
4mm X 4mm MLF θ
JA ......................................... 45°C/W
EPAD SOIC-8L θ
JA ............................................. 58°C/W


Similar Part No. - MIC4123_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4123YME MICREL-MIC4123YME Datasheet
360Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4123YML MICREL-MIC4123YML Datasheet
360Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4123_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4423 MIC-MIC4423_11 Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com