Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4224YMME Datasheet(PDF) 11 Page - MIC GROUP RECTIFIERS

Part # MIC4224YMME
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4224YMME Datasheet(HTML) 11 Page - MIC GROUP RECTIFIERS

Back Button MIC4224YMME Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4224YMME Datasheet HTML 15Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
11
M9999-061109-A
(408) 944-0800
Quiescent Current Power Dissipation
Quiescent current powers the internal logic, level shifting
circuitry and bias for the output drivers. This current is
proportional to operating frequency and VDD voltage. The
typical characteristic graphs show how supply current
varies with switching frequency and supply voltage.
The power dissipated by the driver’s quiescent current is:
DD
DD
quiescent
I
V
Pdiss
×
=
Total Power Dissipation and Thermal Considerations
Total
package
power
dissipation
equals
the power
dissipation of each driver caused by driving the external
MOSFETs plus the supply current.
B
A
quiescent
TOTAL
Pdriver
Pdriver
Pdiss
Pdiss
+
+
=
The die temperature may be calculated once the total
power dissipation is known.
JA
TOTAL
A
J
Pdiss
T
T
θ
×
+
=
Where:
TA is the Maximum ambient temperature
TJ is the junction temperature (°C)
PdissTOTAL is the power dissipation of the Driver
θ
JA
is the thermal resistance from junction-to-
ambient air (°C/W)
The following graphs help determine the maximum gate
charge that can be driven with respect to switching
frequency, supply voltage and ambient temperature.
Figure 5a shows the power dissipation in the driver for
different values of gate charge with VDD = 5V. Figure 5b
shows the power dissipation at VDD = 12V. Figure 5c show
the maximum power dissipation for a given ambient
temperature for the SOIC and ePAD MSOP packages.
The maximum operating frequency of the driver may be
limited by the maximum power dissipation of the driver
package.
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100k
1M
FREQUENCY (Hz)
10M
PDISS: GATE Charge
vs. Frequency
VDD=5V
10nC
20nC
30nC
40nC
50nC
Figure 5a. PDISS vs. QG and fS for VDD = 5V
100k
1M
FREQUENCY (Hz)
10M
PDISS: GATE Charge
vs. Frequency
1.4
1.6
1.8
2.0
1.2
1.0
0.8
0.6
0.4
0.2
0
VDD=12V
10nC
20nC
30nC
40nC
50nC
Figure 5b. PDISS vs. QG and fS for VDD = 12V
Maximum Power
Dissipation
0.0
0.5
1.0
1.5
2.0
20
40
60
80
100
120
140
Ambient Temperature (°C)
Figure 5c. Maximum PDISS vs. Ambient Temperature


Similar Part No. - MIC4224YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4224YMME MICREL-MIC4224YMME Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
More results

Similar Description - MIC4224YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4223 MICREL-MIC4223 Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
MIC4414 MICREL-MIC4414 Datasheet
426Kb / 14P
   1.5A, 4.5V to 18V Low-Side MOSFET Driver
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com