Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4421ACM Datasheet(PDF) 8 Page - MIC GROUP RECTIFIERS

Part # MIC4421ACM
Description  High peak-output current: 9A Peak (typ.)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4421ACM Datasheet(HTML) 8 Page - MIC GROUP RECTIFIERS

Back Button MIC4421ACM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4421ACM Datasheet HTML 12Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
8
M9999-062707
Application Information
Supply Bypassing
Charging and discharging large capacitive loads quickly
requires large currents. For example, charging a
10,000pF load to 18V in 50ns requires 3.6A.
The MIC4421A/4422A has double bonding on the supply
pins, the ground pins and output pins. This reduces
parasitic lead inductance. Low inductance enables large
currents to be switched rapidly. It also reduces internal
ringing that can cause voltage breakdown when the
driver is operated at or near the maximum rated voltage.
Internal ringing can also cause output oscillation due to
feedback. This feedback is added to the input signal
since it is referenced to the same ground.
1µF
MIC4421A
Drive
Logic
VS
VS
VS
MIC4422A
VS
1µF
Ø1 Drive Signal
Conduction Angle
Control 0°C to 180°C
Conduction Angle
Control 180°C to 360°C
Ø1
Ø2
Ø3
Phase 1 of 3 Phase Motor
Driver Using MIC4421A/22A
Figure 5. Direct Motor Drive
To guarantee low supply impedance over a wide
frequency range, a parallel capacitor combination is
recommended for supply bypassing. Low inductance
ceramic disk capacitor swith short lead lengths (< 0.5
inch) should be used. A 1µF low ESR film capacitor in
parallel with two 0.1µF low ESR ceramic capacitors,
(such as AVX RAM Guard
®), provides adequate
bypassing. Connect one ceramic capacitor directly
between pins 1 and 4. Connect the second ceramic
capacitor directly between pins 8 and 5.
Grounding
The high current capability of the MIC4421A/4422A
demands careful PC board layout for best performance.
Since the MIC4421A is an inverting driver, any ground
lead impedance will appear as negative feedback which
can degrade switching speed. Feedback is especially
noticeable with slow-rise time inputs. The MIC4421A
input structure includes about 600mV of hysteresis to
ensure clean transitions and freedom from oscillation,
but attention to layout is still recommended.
Figure 7 shows the feedback effect in detail. As the
MIC4421A input begins to go positive, the output goes
negative and several amperes of current flow in the
ground lead. As little as 0.05Ω of PC trace resistance
can produce hundreds of millivolts at the MIC4421A
ground pins. If the driving logic is referenced to power
ground, the effective logic input level is reduced and
oscillation may result.
To insure optimum performance, separate ground traces
should be provided for the logic and power connections.
Connecting the logic ground directly to the MIC4421A
GND pins will ensure full logic drive to the input and
ensure fast output switching. Both of the MIC4421A
GND pins should, however, still be connected to power
ground.
MIC4422A
VIN +15V
0.1µF
50V
United Chemcon SXE
0.1µF
WIMA
MKS2
1µF
WIMA
MKS2
BYV 10
(x2)
100µF
50V
500µF
50V
1N4448
(x2)
30
29
28
27
26
25
mA
Output Voltage
vs. Load Current
0
50 100 150 200 250 300 350
Figure 6. Self Contained Voltage Doubler


Similar Part No. - MIC4421ACM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421ACM MICREL-MIC4421ACM Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4421ACM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
   9A Peak Source/Sink Drive Current
logo
Zetex Semiconductors
ZXGD3001E6 ZETEX-ZXGD3001E6 Datasheet
437Kb / 8P
   9A(peak) Gate driver
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com