Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC355NJ0000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC355NJ0000F
Description  Mini-flat Package, Darlington Phototransistor Output Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355NJ0000F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC355NJ0000F Datasheet HTML 3Page - Sharp Corporation PC355NJ0000F Datasheet HTML 4Page - Sharp Corporation PC355NJ0000F Datasheet HTML 5Page - Sharp Corporation PC355NJ0000F Datasheet HTML 6Page - Sharp Corporation PC355NJ0000F Datasheet HTML 7Page - Sharp Corporation PC355NJ0000F Datasheet HTML 8Page - Sharp Corporation PC355NJ0000F Datasheet HTML 9Page - Sharp Corporation PC355NJ0000F Datasheet HTML 10Page - Sharp Corporation PC355NJ0000F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A00802EN
80
60
0
40
50
100
150
−30
0
20
100
Ambient temperature Ta (˚C)
IF
=1mA
VCE
=2V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
1.6
1
0.6
0
0.2
0.4
0.8
1.2
1.4
80
60
40
−30
0
20
100
Ambient temperature Ta (˚C)
IF
=20mA
IC
=1mA
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
100
80
40
20
0
5
4
3
2
1
0
60
1mA
2mA
5mA
Collector-emitter voltage VCE (V)
IF
=10mA
PC (MAX.)
Ta
=25˚C
Fig.8 Collector Current vs. Collector-emitter
Voltage
100
10
1
0.1
0
Forward current IF (mA)
VCE
=2V
Ta
=25˚C
5 000
4 000
3 000
2 000
1 000
Fig.7 Current Transfer Ratio vs. Forward
Current
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
10
−11
80
60
40
−30
0
20
100
Ambient temperature Ta (˚C)
VCE
=10V
Fig.11 Collector Dark Current vs. Ambient
Temperature
0.01
0.1
1
10
10
0.1
1
100
ts
td
tf
tr
Load resistance RL (k
Ω)
VCE
=2V
IC
=1mA
Ta
=25˚C
Fig.12 Response Time vs. Load Resistance
PC355NJ0000F Series


Similar Part No. - PC355NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
More results

Similar Description - PC355NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
PC365N SHARP-PC365N Datasheet
194Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
logo
Vishay Siliconix
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com