Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4421ACT Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4421ACT
Description  High peak-output current: 9A Peak (typ.)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4421ACT Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4421ACT Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4421ACT Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
3
M9999-062707
Absolute Maximum Ratings
(1)
Supply Voltage (VS)......................................................+20V
Control Input Voltage (VIN). ............. VS + 0.3V to GND – 5V
Control Input Current (VIN > VS). .................................50mA
Power Dissipation, TA < +25°C
(4)
PDIP (
θJA) ........................................................1478mW
SOIC (
θJA) ..........................................................767mW
TO-220 (
θJA)........................................................1756W
Lead Temperature (soldering, #sec.)......................... 300°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VS)....................................... +4.5V to +18V
Ambient Temperature (TA)
A Version ............................................ –55°C to +125°C
B Version .............................................. –40°C to +85°C
C Version .................................................. 0°C to +70°C
Junction Temperature (TJ) ......................................... 150°C
Package Thermal Resistance
(4)
PDIP (
θJA) .......................................................84.6°C/W
SOIC (
θJA).....................................................163.0°C/W
TO-220 (
θJA)....................................................71.2°C/W
PDIP (
θJC) .......................................................41.2°C/W
SOIC (
θJC).......................................................38.8°C/W
TO-220 (
θJC) .....................................................6.5°C/W
Electrical Characteristics
TA = 25°C with 4.5V ≤ VS ≤ 18V, bold values indicate –55°C< TA < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
VS
Operating Input Voltage
4.5
18
V
High Output Quiescent Current
VIN = 3V (MIC4422A), VIN = 0 (MIC4421A)
0.5
1.5
3
mA
mA
IS
Low Output Quiescent Current
VIN = 0V (MIC4422A), VIN = 3V (MIC4421A)
50
150
200
µA
µA
Input
VIH
Logic 1 Input Voltage
See Figure 3
3.0
2.1
V
VIL
Logic 0 Input Voltage
See Figure 3
1.5
0.8
V
VIN
Input Voltage Range
–5
VS+0.3
V
IIN
Input Current
0V ≤ VIN ≤ VS
–10
10
µA
Output
VOH
High Output Voltage
See Figure 1
VS+.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
Output Resistance,
Output High
IOUT = 10mA, VS = 18V
0.6
1.0
3.6
RO
Output Resistance,
Output Low
IOUT = 10mA, VS = 18V
0.8
1.7
2.7
IPK
Peak Output Current
VS = 18V (See Figure 8)
9
A
IDC
Continuous Output Current
2
A
IR
Latch-Up Protection
Withstand Reverse Current
Duty Cycle ≤ 2%
t ≤ 300µs, Note 5
>1500
mA
Switching Time (Note 5)
tR
Rise Time
Test Figure 1, CL = 10,000pF
20
75
120
ns
ns
tF
Fall Time
Test Figure 1, CL = 10,000pF
24
75
120
ns
ns
tD1
Delay Time
Test Figure 1
15
68
80
ns
ns


Similar Part No. - MIC4421ACT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421ACT MICREL-MIC4421ACT Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4421ACT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
   9A Peak Source/Sink Drive Current
logo
Zetex Semiconductors
ZXGD3001E6 ZETEX-ZXGD3001E6 Datasheet
437Kb / 8P
   9A(peak) Gate driver
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com