Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4422ACM Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC4422ACM
Description  High peak-output current: 9A Peak (typ.)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422ACM Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC4422ACM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4422ACM Datasheet HTML 10Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
6
M9999-062707
Typical Characteristics (continued)


Similar Part No. - MIC4422ACM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4422ACM MICREL-MIC4422ACM Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4422ACM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
   9A Peak Source/Sink Drive Current
logo
Zetex Semiconductors
ZXGD3001E6 ZETEX-ZXGD3001E6 Datasheet
437Kb / 8P
   9A(peak) Gate driver
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com