Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5191 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5191
Description  Ultra High-Speed, High-Current Active Filter / LDO Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5191_11 Datasheet HTML 6Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 7Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 8Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 9Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 10Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 11Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 12Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 13Page - Micrel Semiconductor MIC5191_11 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
MIC5191
December 2006
10
M9999-122206
compensation resistor, creating a higher mid-band gain.
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000 100000
Frequency (KHz)
-45
0
45
90
135
180
225
Increasing Cout reduces
the load resistance and
output capacitor pole
allowing for an increase
in mid-band gain
Figure 7. Increasing Output Capacitance
This will have the effect of both decreasing the voltage
drop as well as returning closer and faster to the
regulated voltage during the recovery time.
MOSFET Selection
The typical pass element for the MIC5191 is an N-
Channel MOSFET. There are multiple considerations
when choosing a MOSFET. These include:
VIN to VOUT differential
Output Current
Case Size/Thermal Characteristics
Gate Capacitance (CISS<10nF)
Gate to Source threshold
The VIN(min) to VOUT ratio and current will determine the
maximum RDSON required. For example, for a 1.8V (±5%)
to 1.5V conversion at 5A of load current, dropout voltage
can be calculated as follows (using VIN(min):
()
OUT
OUT
IN
DSON
I
V
V
R
=
()
5A
V
5
.
1
1.71V
RDSON
=
RDSON = 42mΩ
For performance reasons, we do not want to run the N-
Channel in dropout. This will seriously affect transient
response and PSRR (power supply ripple rejection). For
this reason, we want to select a MOSFET that has lower
than 42mΩ for our example application.
Size is another important consideration. Most import-
antly, the design must be able to handle the amount of
power being dissipated.
The amount of power dissipated can be calculated as
follows (using VIN(max)):
PD = (VIN – VOUT) × IOUT
PD = (1.89V – 1.5V) × 5A
PD = 1.95W
Now that we know the amount of power we will be
dissipating, we will need to know the maximum ambient
air temperature. For our case we’re going to assume a
maximum of 65°C ambient temperature, though different
MOSFETs have different maximum operating junction
temperatures. Most MOSFETs are rated to 150°C, while
others are rated as high as 175°C. In this case, we’re
going to limit our maximum junction temperature to
125°C. The MIC5191 has no internal thermal protection
for the MOSFET so it is important that the design
provides margin for the maximum junction temperature.
Our design will maintain better than 125°C junction
temperature with 1.95W of power dissipation at an
ambient temperature of 65°C. Our thermal resistance
calculates as follows:
D
J
J
JA
P
(ambient)
T
(max)
T
θ
=
1.95W
C
65
C
125
θJA
°
°
=
θJA = 31°C /W
So our package must have a thermal resistance less
than 31°C /W. Table 1 shows a good approximation of
power dissipation and package recommendation.
Package
Power Dissipation
TSOP-6
<850mW
TSSOP-8
<950mW
TSSOP-8
<1W
PowerPAK™ 1212-8
<1.1W
SO-8
<1.125W
PowerPAK™ SO-8 D-Pack
<1.4W
TO-220/TO-263 (D
2pack)
>1.4W
Table 1. Power Dissipation and
Package Recommendation
In our example, our power dissipation is greater than
1.4W, so we’ll choose a TO-263 (D
2Pack) N-Channel
MOSFET. θJA is calculated as follows:
θJA = θJC + θCS + θSA
Where θJC is the junction to case resistance, θCS is the
case-to-sink resistance and the θSA is the sink-to-ambi-
ent air resistance.
In the D
2 package we’ve selected, the θ
JC is 2°C/W. The
θCS, assuming we are using the PCB as the heat sink,
can be approximated to 0.2°C/W. This allows us to
calculate the minimum θSA:
θSA = θJA– θCS – θJC
θSA = 31°C/W – 0.2°C/W – 2°C/W
θSA = 28.8°C/W


Similar Part No. - MIC5191_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5191BML MICREL-MIC5191BML Datasheet
182Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5191BML MICREL-MIC5191BML Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5191BMM MICREL-MIC5191BMM Datasheet
182Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5191BMM MICREL-MIC5191BMM Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5191 MICREL-MIC5191_06 Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
More results

Similar Description - MIC5191_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5191 MICREL-MIC5191_06 Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5191 MICREL-MIC5191 Datasheet
182Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190 MICREL-MIC5190 Datasheet
169Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190 MICREL-MIC5190_04 Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC59300 MICREL-MIC59300 Datasheet
443Kb / 15P
   Ultra High Speed 3A LDO
logo
Torex Semiconductor
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
logo
Hittite Microwave Corpo...
HMC980LP4E_1109 HITTITE-HMC980LP4E_1109 Datasheet
1Mb / 22P
   ACTIVE BIAS CONTROLLER HIGH CURRENT
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com