Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW410B-1_V4 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW410B-1_V4
Description  HMIC??Silicon PIN Diode Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW410B-1_V4 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SW410B-1_V4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW410B-1_V4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW410B-1_V4 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW410B-1_V4 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW410B-1_V4 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW410B-1_V4 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. V4
HMIC™ Silicon PIN Diode Switch
with Integrated Bias Network
MA4SW410B-1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
4
MA4SW410B-1 Schematic


Similar Part No. - MA4SW410B-1_V4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1_14 Datasheet
978Kb / 6P
   Broad Bandwidth Specified up to 18 GHz
More results

Similar Description - MA4SW410B-1_V4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102 Datasheet
123Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com