Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7028 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7028
Description  13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7028 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU7028 Datasheet HTML 2Page - New Japan Radio NJU7028 Datasheet HTML 3Page - New Japan Radio NJU7028 Datasheet HTML 4Page - New Japan Radio NJU7028 Datasheet HTML 5Page - New Japan Radio NJU7028 Datasheet HTML 6Page - New Japan Radio NJU7028 Datasheet HTML 7Page - New Japan Radio NJU7028 Datasheet HTML 8Page - New Japan Radio NJU7028 Datasheet HTML 9Page - New Japan Radio NJU7028 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJU7028
- 6 -
Ver.2011-04-06
■ MEASUREMENT CIRCUITS
VDD
RF
RG
Vout
Vin
CL
VDD
2
VDD
RF
RG
Vout
Vin
CL
VDD
Vout
Vin
CL
RL
VDD
Vout
Vin
CL
VDD
2
RL
Figure 2-1:Measurement circuit 1
Figure 2-2:Measurement circuit 2
Figure 2-3:Measurement circuit 3
Figure 2-4:Measurement circuit 4


Similar Part No. - NJU7028

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021D NJRC-NJU7021D Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021M NJRC-NJU7021M Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7021V NJRC-NJU7021V Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
NJU7022 NJRC-NJU7022 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results

Similar Description - NJU7028

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7068 NJRC-NJU7068 Datasheet
413Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7026 NJRC-NJU7026 Datasheet
273Kb / 10P
   Small Package, 13關A, Rail-to-Rail Output Single CMOS Operational Amplifier
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7067 NJRC-NJU7067 Datasheet
396Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Dual CMOS Operational Amplifier
Ver.01
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com