Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ035ZN1HZPH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ035ZN1HZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ035ZN1HZPH Datasheet(HTML) 1 Page - Sharp Corporation

  PQ035ZN1HZPH Datasheet HTML 1Page - Sharp Corporation PQ035ZN1HZPH Datasheet HTML 2Page - Sharp Corporation PQ035ZN1HZPH Datasheet HTML 3Page - Sharp Corporation PQ035ZN1HZPH Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Features
Outline Dimensions
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
Applications
PQ035ZN1HZPH
PQ035ZN1HZPH
Product mass:(0.2g)
(Unit : mm)
Sheet No.: OP06078
Low Voltage Operation,Compact Surface
Mount type Low Power-Loss Voltage Regulator
1.Low voltage output
(VO=0.8 to 3.5V)
2.Low voltage operation: VIN(MIN)=1.7V
3.Output current : 1.5A
4.Built-in overcurrent and overheat protection functions
5.Correspond to flow soldering
6.Ceramic capacitor compatible
7.RoHS directive compliant
Parameter
Symbol
Rating
Unit
1.5
V
V
Input voltage
8W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
5.5
Absolute Maximum Ratings
(Ta=25°C)
Bias supply voltage
Output current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 PD:With infinite heat sink
Output voltage adjustment (Vadj)
GND
1
2
3
4
5
Specific IC
DC input (VIN)
Bias power supply (VB)
DC output (VO)
Epoxy resin
(
) : Typical dimensions
7
A
(0.3)
(0.3)
035ZN1H
3
1
2
4
5
6.6MAX.
5.2±0.5
2.1±0.5
(0~0.25)
0.3
+0.2
-0.1
4-(1.27)
1.AV equipment
2.OA equipment
1
2
3
5
H
Lead finish
identification mark
*1 Output adjustment pin voltage
Tsol
Tstg
Topr
Tj
PD
IO
VB
VIN
V
5
Vadj
4
*3 There is case that over heat protection function operates at the temperature
Tj=125°C to 150°C,this item cannot be used in this temperature range.


Similar Part No. - PQ035ZN1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ035ZN01ZPH SHARP-PQ035ZN01ZPH Datasheet
152Kb / 6P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ035ZN1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ035ZN01ZPH SHARP-PQ035ZN01ZPH Datasheet
152Kb / 6P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com