Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XN01ZPH Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ070XN01ZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XN01ZPH Datasheet(HTML) 2 Page - Sharp Corporation

  PQ070XN01ZPH Datasheet HTML 1Page - Sharp Corporation PQ070XN01ZPH Datasheet HTML 2Page - Sharp Corporation PQ070XN01ZPH Datasheet HTML 3Page - Sharp Corporation PQ070XN01ZPH Datasheet HTML 4Page - Sharp Corporation PQ070XN01ZPH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Sheet No.: OP06079
Electrical Characteristics
%
dB
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
ON-state voltage for control
ON-state current for control
Symbol
Conditions
MIN.
MAX.
Unit
2.0
-
60
RR
200
-
-
-
-
Quiescent current
Output OFF-state dissipation current
-
-
-
Refer to Fig.2
-
2
OFF-state voltage for control
2
V
-
-
2.0
V
-
-
-
V
OFF-state current for control
0.8
-
PQ070XN01ZPH
(Unless otherwise specified,condition shall be VIN=5V,VO=3V(R1=1kΩ),IO=0.5A,VC=2.7V,Ta=25°C)
VO
RegL
IO=5mA to 1A
RegI
Temperature coefficient of reference voltage
TCVref
Tj=0 to +125°C, IO=5mA
±1.0
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
Iqs
IO=0A
IO=0mA
IO=0mA, VC=0.4V
μA
μA
mA
μA
VI-O
0.5
1.25
V
4 In case of opening control terminal ②, output voltage turns off
4
VIN=4 to 8V,IO=5mA
VIN=2.85V, IO=0.5A
VC=0.4V
1.5
7
%
1.0
-
-
Input voltage
VIN
-
V
2.35
10
-
-
Dropout voltage
Vref
Reference voltage
-
1.225
1.275
%
-
V
-
5
--
TYP.
0.2
0.2
1
Fig.1 Test Circuit
A
A
3
4
5
1
V
V
VIN
0.33μF
47μF
Vref
VO
IO
RL
Iq
A
VC
IC
2
R2
R1
1kΩ
+
Fig.2 Test Circuit for Ripple Rejection
ei
eo
3
1
4
5
V
~
~
0.33μF
IO
RL
+
VIN
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=5V
VO=3V(R1=1kΩ)
IO=0.3A
RR=20log(ei(rms)/eo(rms))
VC
2
2.7V
Vref
R2
R1
1kΩ
47μF
+
VO=Vref × (1+R2/R1)
[R1=1kΩ, Vref≒1.25V]
+
+


Similar Part No. - PQ070XN01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ070XN01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com