Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1507QBXXX Datasheet(PDF) 4 Page - Semtech Corporation

Part # SX1507QBXXX
Description  World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1507QBXXX Datasheet(HTML) 4 Page - Semtech Corporation

  SX1507QBXXX Datasheet HTML 1Page - Semtech Corporation SX1507QBXXX Datasheet HTML 2Page - Semtech Corporation SX1507QBXXX Datasheet HTML 3Page - Semtech Corporation SX1507QBXXX Datasheet HTML 4Page - Semtech Corporation SX1507QBXXX Datasheet HTML 5Page - Semtech Corporation SX1507QBXXX Datasheet HTML 6Page - Semtech Corporation SX1507QBXXX Datasheet HTML 7Page - Semtech Corporation SX1507QBXXX Datasheet HTML 8Page - Semtech Corporation SX1507QBXXX Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
4
www.semtech.com
SX1507QB/SX1508QB/SX1509QB
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
1
PIN DESCRIPTION
1.1
SX1507QB 4-channel I
2C GPIO with LED Driver
Pin
Symbol
Type
Description
1
SDA
DIO
I
2C serial data line
2
SCL
DI
I
2C serial clock line
3
NRESET
DI
Active low reset input
4
NINT
DO
Active low interrupt output
5
ADDR0
DI
Address input bit 0, connect to VDDM or GND
6
ADDR1
DI
Address input bit 1, connect to VDDM or GND
7
I/O[0]
DIO
(*1)
I/O[0], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
8
I/O[1]
DIO
(*1)
I/O[1], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
9
VCC1
P
I/O supply voltage
10
GND
P
Ground Pin
11
I/O[2]
DIO
(*1)
I/O[2], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
12
I/O[3]
DIO
(*1)
I/O[3], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
14
OSCIO
DIO
(*1)
Oscillator input/output, can also be used as GPO
13
VDDM
P
Main supply voltage
D/I/O/P: Digital/Input/Output/Power
(*1) This pin is programmable through the I2C interface
Table 1 – SX1507QB Pin Description
Figure 1 – SX1507QB QFN-UT-14 Pinout


Similar Part No. - SX1507QBXXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1507QBXXX SEMTECH-SX1507QBXXX Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1507QBXXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com