Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX812X Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX812X
Description  1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX812X Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX812X Datasheet HTML 4Page - Semtech Corporation SX812X Datasheet HTML 5Page - Semtech Corporation SX812X Datasheet HTML 6Page - Semtech Corporation SX812X Datasheet HTML 7Page - Semtech Corporation SX812X Datasheet HTML 8Page - Semtech Corporation SX812X Datasheet HTML 9Page - Semtech Corporation SX812X Datasheet HTML 10Page - Semtech Corporation SX812X Datasheet HTML 11Page - Semtech Corporation SX812X Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.semtech.com/products/
Page 8
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8120/21
1V Motor/LED control timer
ACS - Revision 2.2
August 2010
© Semtech Corp.
4.2
SX8120/21 timing and output
The following settings are available on the SX8120/21.
The timeout and polarity values are set at chip startup and at each start/stop command.
Table 7.
SX8120/21 settings
Part number
TO
Polarity
Active motor
Time out after
SX8120
VDD
VDD
15 seconds
VSS
15 seconds
VSS
VDD
30 seconds
VSS
30 seconds
SX8121
VDD
VDD
10 minutes
VSS
10 minutes
VSS
VDD
never
VSS
never


Similar Part No. - SX812X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8120 SEMTECH-SX8120 Datasheet
546Kb / 17P
   1 V motor/LED control timers
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
SX8124 SEMTECH-SX8124 Datasheet
271Kb / 23P
   24 hours timer synchronized on 50/60Hz mains
More results

Similar Description - SX812X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
   Motor Timer
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com