Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8121ISTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SX8121ISTRT
Description  1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8121ISTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SX8121ISTRT Datasheet HTML 1Page - Semtech Corporation SX8121ISTRT Datasheet HTML 2Page - Semtech Corporation SX8121ISTRT Datasheet HTML 3Page - Semtech Corporation SX8121ISTRT Datasheet HTML 4Page - Semtech Corporation SX8121ISTRT Datasheet HTML 5Page - Semtech Corporation SX8121ISTRT Datasheet HTML 6Page - Semtech Corporation SX8121ISTRT Datasheet HTML 7Page - Semtech Corporation SX8121ISTRT Datasheet HTML 8Page - Semtech Corporation SX8121ISTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.semtech.com/products/
Page 5
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8120/21
1V Motor/LED control timer
ACS - Revision 2.2
August 2010
© Semtech Corp.
Table 4.
Circuit power consumption specifications
Parameter
Symbol
Min
Typ
Max
Unit
Supply current in Active mode
(outputs no loaded, Motor pin on, LED pin
bursting, counting)
VDD=1.2V
IACTIVE
20
μA
VDD=2.0V
30
μA
Supply current in Sleep mode
(outputs no loaded, Motor pin off, LED pin
tied to ground, not counting)
VDD=1.2V
ISLEEP
10
30
μA
VDD=2.0V
15
40
μA
Supply current in Low Batt mode
ILOWBATT
10
30
μA
Supply current in Safe mode
ISAFE
10
μA
Table 5.
Digital IOs specifications
Parameter
Symbol
Min
Typ
Max
Unit
Startup time at power-on
tSTART
0.1
s
NIMH pin switch voltage
Threshold
VNIMH
1.41
V
Hysteresis
30
mV
Output High Voltage
VOH
3/4 VDD
VDD
V
Output Low Voltage
VOL
VSS
1/4 VDD
V
Max Source Current at min VOH
VDD = 0.9 V
IOH09
4mA
VDD >= 1.2 V
IOH12
10
mA
Max Sink Current at max VOL
VDD = 0.9 V
IOL09
4mA
VDD >= 1.2 V
IOL12
10
mA
Input capacitance
CI
10
pF


Similar Part No. - SX8121ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
More results

Similar Description - SX8121ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
   Motor Timer
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com