Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121-101-1-2-56CKN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 121-101-1-2-56CKN
Description  Helical Convoluted Tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

121-101-1-2-56CKN Datasheet(HTML) 1 Page - Glenair, Inc.

  121-101-1-2-56CKN Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
Series 74
TYPE
D
EXTERNAL
SHIELD
MINIMUM
BEND RADIUS
LENGTH
(AS SPECIFIED IN FEET)
TUBING
SHIELD
B DIA
A DIA
TUBING FRACTIONAL
A INSIDE
B DIA
SIZE
SIZE REF
DIA MIN
MAX
06
3/16
.181
(4.6)
.370
(9.4)
09
9/32
.273
(6.9)
.464 (11.8)
10
5/16
.306
(7.8)
.500 (12.7)
12
3/8
.359
(9.1)
.560 (14.2)
14
7/16
.427 (10.8)
.621 (15.8)
16
1/2
.480 (12.2)
.700 (17.8)
20
5/8
.603 (15.3)
.820 (20.8)
24
3/4
.725 (18.4)
.980 (24.9)
28
7/8
.860 (21.8)
1.123 (28.5)
32
1
.970 (24.6)
1.276 (32.4)
40
1 1/4
1.205 (30.6)
1.589 (40.4)
48
1 1/2
1.437 (36.5)
1.882 (47.8)
56
1 3/4
1.688 (42.9)
2.132 (54.2)
64
2
1.937 (49.2)
2.382 (60.5)
MINIMUM
BEND RADIUS
.50 (12.7)
.75 (19.1)
.75 (19.1)
.88 (22.4)
1.00 (25.4)
1.25 (31.8)
1.50 (38.1)
1.75 (44.5)
1.88 (47.8)
2.25 (57.2)
2.75 (69.9)
3.25 (82.6)
3.63 (92.2)
4.25 (108.0)
TABLE I: TUBING SIZE ORDER NUMBER AND DIMENSIONS
APPLICATION NOTES
Metric dimensions (mm) are
1.
in parentheses and are for
reference only.
Consult factory for thin-
2.
wall, close convolution
combination.
For PTFE maximum lengths
3.
- consult factory.
Consult factory for PEEK
4.
TM
min/max dimensions.
Class
1 - Standard Wall
2 - Thin Wall
2
Product Series
121 - Convoluted Tubing
121 - 101 - 1 - 1 - 16 B K T
Basic Part
Number
Tubing Size
(See Table I)
Convolution
1 - Standard
2 - Close
Color
B - Black
C - Natural
Material
K - PEEK
4
E - ETFE
F - FEP
P - PFA
T - PTFE
3
Shield
A - Composite AmberStrand®
C - Stainless Steel
N - Nickel/Copper
S - SnCuFe
T - Tin/Copper
121-101
Series 74 Helical Convoluted Tubing (AMS-T-81914)
Type D: Convoluted Tubing with Single External Shield


Similar Part No. - 121-101-1-2-56CKN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-101-1-1-06BECE GLENAIR-121-101-1-1-06BECE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BECH GLENAIR-121-101-1-1-06BECH Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BECN GLENAIR-121-101-1-1-06BECN Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BENE GLENAIR-121-101-1-1-06BENE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BENH GLENAIR-121-101-1-1-06BENH Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
More results

Similar Description - 121-101-1-2-56CKN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE_09 Datasheet
337Kb / 1P
   Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
120_100 GLENAIR-120_100 Datasheet
275Kb / 1P
   Helical Polymer-Core Convoluted Tubing
120_103 GLENAIR-120_103 Datasheet
275Kb / 1P
   Series 74 Helical Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
189MS052NF1212K GLENAIR-189MS052NF1212K Datasheet
211Kb / 2P
   Convoluted Tubing Backshell
189M052 GLENAIR-189M052 Datasheet
184Kb / 1P
   Convoluted Tubing Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com