Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008866-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008866-TR3000
Description  75 廓 Digital Attenuator, 6-Bit, Serial / Parallel Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008866-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008866-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
75 Ω Digital Attenuator, 6-Bit, Serial / Parallel Control
31.5 dB, 0.005 - 1.0 GHz
Rev.V2
MAAD-008866
2
2
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications5,6: TA = 25°C, Z0 = 75 Ω, VDD = 5 V, VC = 5 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
5 MHz
50 MHz
500 MHz
1000 MHz
dB
1.3
1.35
1.6
1.8
2.3
Attenuation Accuracy
Any Bit or combination
5 - 1000 MHz
± (0.15 dB + 4% of attenuation setting in dB)
Return Loss
5 - 1000 MHz
dB
18
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
320
Ton, Toff
50% Control to 90 / 10% RF
ns
340
Transients
In Band
mV
88
Input P1dB
50 MHz
1000 MHz
dBm
12
25.6
IIP3
0 dBm/tone at Input, 6 MHz Spacing
50 MHz
1000 MHz
dBm
33
43
Composite Triple Beat, CTB
132 channels, +30 dBmV/channel at the input
dBc
-88
Composite Second Order, CSO 132 channels, +30 dBmV/channel at the input
dBc
-69
Steady State IDD
VDD = +5 V
µA
4
IIP2
0 dBm/tone at Input, 6 MHz Spacing
50 MHz
1000 MHz
dBm
51
74
5. External DC blocking capacitors are required on all RF ports. Loss varies at 0.003 dB/°C.
6. Low frequency is determined by DC block and RF GND capacitor value.
Truth Table9
B5
B3
B2
B1
Attenuation (dB)
1
1
1
1
Reference IL
1
1
0
1
2
1
0
1
1
4
1
1
1
1
8
0
1
1
1
16
0
0
0
0
31.5
B4
1
1
1
0
1
0
B0
1
1
1
1
1
0
1
1
1
1
0
1
1
1
1
1
1
1
0
0.5
9. Logic “0” = 0 to +0.8 V, Logic “1” = +2 to +5 V.
Absolute Maximum Ratings7,8
Parameter
Absolute Maximum
Input Power
50 MHz
1000 MHz
+15 dBm
+27 dBm
Operating Voltage
+8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Control Voltage
-0.5 V < VC < 5.5 V
7. Exceeding any one or combination of these limits may cause
permanent damage to this device.
8. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - MAAD-008866-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008866 MA-COM-MAAD-008866_15 Datasheet
304Kb / 9P
   Parallel Control
More results

Similar Description - MAAD-008866-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523_15 Datasheet
757Kb / 8P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Integrated Device Techn...
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
   75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
   75 廓 RF Digital Attenuator
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com