Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008866-TR3000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008866-TR3000
Description  75 廓 Digital Attenuator, 6-Bit, Serial / Parallel Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008866-TR3000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008866-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-008866-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
75 Ω Digital Attenuator, 6-Bit, Serial / Parallel Control
31.5 dB, 0.005 - 1.0 GHz
Rev.V2
MAAD-008866
3
3
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Recommended PCB
Off-Chip Component Values
Component
Value
Package
C1 & C2
0.1 µF
0402
C3 - C8
0.1 µF
0201
Lead Free 4
mm 24-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Application10
10.Capacitors C3 - C8 should be as close to package pins as
possible.


Similar Part No. - MAAD-008866-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008866 MA-COM-MAAD-008866_15 Datasheet
304Kb / 9P
   Parallel Control
More results

Similar Description - MAAD-008866-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523_15 Datasheet
757Kb / 8P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Integrated Device Techn...
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
   75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
   75 廓 RF Digital Attenuator
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com