Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-009194-000100_V2 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009194-000100_V2
Description  Constant Phase Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009194-000100_V2 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009194-000100_V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-009194-000100_V2 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Constant Phase Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V2
MAAD-009194-000100
Phase - 16 dB Bit vs. Frequency
Relative to Reference Loss State
Phase - 31 dB Attenuation vs. Frequency
Relative to Reference Loss State
Phase - 8 dB Bit vs. Frequency
Relative to Reference Loss State
VSWR vs. Frequency
Relative to Reference Loss State
VSWR - 1 dB Bit vs. Frequency
Typical Performance Curves
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
-6.0
-4.0
-2.0
0.0
2.0
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
VSWR - 2 dB Bit vs. Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF1
RF2
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF1
RF2
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF1
RF2
Frequency (GHz)


Similar Part No. - MAAD-009194-000100_V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2_15 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
More results

Similar Description - MAAD-009194-000100_V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2_15 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790_15 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100_15 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com