Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0013TR-3000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0013TR-3000
Description  Digital Attenuator, 4-Bit, Single Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0013TR-3000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0013TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0013TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0013TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0013TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Digital Attenuator, 4-Bit, Single Control
15 dB, 0.05 - 4.0 GHz
Rev. V2
MAADSS0013
4
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead Free
3 mm 16-Lead PQFN
† Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Typical Performance Curves
Input IP3 @ 0.5 GHz
Input IP3 @ 2 GHz
40
42
44
46
48
50
01 234 5678 9 10 11 12 13 14 15
IIP3_Low
IIP3_High
Attenuation
40
42
44
46
48
50
01 234 5678 9 10 11 12 13 14 15
IIP3_Low
IIP3_High
Attenuation


Similar Part No. - MAADSS0013TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0013TR-3000 MA-COM-MAADSS0013TR-3000 Datasheet
124Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
More results

Similar Description - MAADSS0013TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
   Digital Attenuator, 4-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
   Digital Attenuator, 4-Bit, Single Control, 15 dB
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
logo
Tyco Electronics
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
   Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com