Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-009120-TR3000 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-009120-TR3000
Description  Miniature Broadband Gain Stage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-009120-TR3000 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-009120-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR3000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V1
MAAL-009120
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
3 Volt Application Section @ 70 MHz
Component List @ 3V
Part
Value
Case Style
C1 - C3
0.1 µF
0402
L1
80 nH
0805
L2
220 nH
0603
R1
3 Ω
0402
Application Layout Schematic @ 3V
S-Parameter Response @ 3 Volts
Noise Figure
P1dB
Typical Performance Curves: VDD = 3 V
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.04 0.05 0.06 0.07 0.08 0.09
0.1
0.11 0.12
S11
S21
S22
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.05
0.06
0.07
0.08
0.09
0.10
Frequency (GHz)
14
15
16
17
18
19
20
21
22
7
8
9 1011 1213 14 15161718 1920
Output Power (dBm)


Similar Part No. - MAAL-009120-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120-TR3000 MA-COM-MAAL-009120-TR3000 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-009120-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com