Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-009120-001SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-009120-001SMB
Description  Miniature Broadband Gain Stage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-009120-001SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAL-009120-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V1
MAAL-009120
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: VDD = 5 V
6
6. This device can run from a single 5 volt supply, but for 1M hour MTTF the output power must be no greater than 10 dBm unless using a
series resistor on the drain. See Application note 7 on page 7.
Gain
Input Return Loss
Output Return Loss
Noise Figure
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)
0.5
1.0
1.5
2.0
2.5
0.5
1.0
1.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)
Output IP3, Input Power = -12 dBm
Current
20
25
30
35
40
45
50
0.5
1.0
1.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)
85
90
95
100
105
110
115
120
125
130
02
4
6
8
10
12
14
+25 C
-40 C
+85 C
Output Power (dBm)
0
5
10
15
20
0.5
1.0
1.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
+25 C
-40 C
+85 C
Frequency (GHz)


Similar Part No. - MAAL-009120-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120-001SMB MA-COM-MAAL-009120-001SMB Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-009120-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com