Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0013TR-1000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0013TR-1000
Description  Digital Attenuator, 4-Bit, Single Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0013TR-1000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0013TR-1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0013TR-1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0013TR-1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0013TR-1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Digital Attenuator, 4-Bit, Single Control
15 dB, 0.05 - 4.0 GHz
Rev. V2
MAADSS0013
2
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 7,8: TA = 25°C, Z0 = 50 Ω, VDD = 5 V, VC = 2.8 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
1.0 GHz
dB
1.0
1.3
Attenuation Accuracy
1.0 GHz
± (0.2 dB + 2% of attenuation setting in dB) dB
VSWR
0.05 - 4.0 GHz
Ratio
1.5:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
40
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
ns
65
Transients
In Band
mV
75
Input P1dB
2.0 GHz
dBm
30
Input IP2
2-Tone, +5 dBm/tone, 1 MHz Spacing
0.5 GHz
2.0 GHz
dBm
75
80
Input IP3
2-Tone, +5 dBm/tone, 1 MHz Spacing
0.5, 2.0 GHz
dBm
42
IC
VC = 2.8 V
µA
15
25
IDD
VDD = 5 V
µA
170
250
7. External DC blocking capacitors are required on all RF ports.
8. Low frequency performance is determined by DC block and GND capacitor value.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table 9
VC1
VC2
VC4
VC8
Attenuation (dB)
0
0
0
0
Reference IL
1
0
0
0
1
0
1
0
0
2
0
0
1
0
4
0
0
0
1
8
1
1
1
1
15
9. 0 = 0 V , 1 = +2.8 to 5 V.


Similar Part No. - MAADSS0013TR-1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0013TR-1000 MA-COM-MAADSS0013TR-1000 Datasheet
124Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
More results

Similar Description - MAADSS0013TR-1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0019 MA-COM-MAADSS0019 Datasheet
131Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
AT-264 MA-COM-AT-264_15 Datasheet
653Kb / 5P
   Digital Attenuator, 4-Bit, Single Control
AT-264-PIN MA-COM-AT-264-PIN Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control
MAATSS0019 MA-COM-MAATSS0019_15 Datasheet
724Kb / 5P
   Digital Attenuator, 4-Bit, Single Control, 15 dB
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
   Digital Attenuator, 1-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016_15 Datasheet
700Kb / 5P
   Digital Attenuator, 5-Bit, Single Control
MAADSS0016 MA-COM-MAADSS0016 Datasheet
162Kb / 4P
   Digital Attenuator, 5-Bit, Single Control
logo
Tyco Electronics
AT-264 MACOM-AT-264_1 Datasheet
200Kb / 3P
   Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com