Electronic Components Datasheet Search |
|
MAAL-009120-TR1000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-009120-TR1000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 10 page 1 Miniature Broadband Gain Stage 70 - 3000 MHz Rev. V1 MAAL-009120 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Low Noise Figure • High IP3 • Single Supply +3 V, +5 V 6 • RoHS* Compliant SC70- 6LD Package Description M/A-COM Technology’s MAAL-009120 broadband gain stage is a GaAs MMIC amplifier in a lead-free SC70-6LD (SOT-363) surface mount plastic package. The MAAL-009120 employs a monolithic 1-stage self-biased design featuring a convenient 50 Ω input/output impedance that minimizes the number of external components required. Its broadband design provides usable performance from 500 to 3000 MHz. For operation below 500 MHz contact M/A-COM Tech’s application group for support. Pin Configuration PIN Function Description 1 GND Ground 2 GND Ground 3 RF In RF input 4 GND Ground 5 GND Ground 6 RF Out/VDD RF output & drain voltage input Absolute Maximum Ratings 3,4,5 Parameter Absolute Maximum RF Output Power 22 dBm Voltage 5.5 volts Operating Temperature -40 °C to +85 °C Storage Temperature -65 °C to +150 °C Functional Block Diagram * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. Ordering Information 1,2 Part Number Package MAAL-009120 -TR3000 3000 piece reel MAAL-009120 -001SMB Sample Test Board MAAL-009120 -TR1000 1000 piece reel 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM Technology does not recommend sustained operation near these survivability limits. 5. Operating at 5 volts with no drain resistor will require the RF output power to be no greater than 10 dBm. |
Similar Part No. - MAAL-009120-TR1000 |
|
Similar Description - MAAL-009120-TR1000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |