Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-008821-001SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008821-001SMB
Description  Broadband CATV Single Ended 5-Way Active Splitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008821-001SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008821-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008821-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008821-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008821-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008821-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-008821-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Broadband CATV Single Ended 5-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-008821
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Component
Value
Package
L1
9
1 µH
1210
L2 - L6
10 nH
0402
R1, R2
220 Ω
0402
R3 - R7
910 Ω
0402
C1 - C8
0.01 µF
0402
Off-Chip Component Values
9. L1 supplied from EPCOS, part number B82422A1102K100
Schematic Including Off-Chip Components8
8. The exposed pad centered on the package bottom must be
connected to ground for RF, DC and thermal considerations.
Recommended PCB
PCB Land Pattern


Similar Part No. - MAAM-008821-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008821-001SMB MA-COM-MAAM-008821-001SMB Datasheet
927Kb / 7P
   Broadband CATV Single Ended 5-Way Active Splitter
More results

Similar Description - MAAM-008821-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008821 MA-COM-MAAM-008821_15 Datasheet
927Kb / 7P
   Broadband CATV Single Ended 5-Way Active Splitter
MAAM-008821-V1-APR10 MA-COM-MAAM-008821-V1-APR10 Datasheet
364Kb / 6P
   Broadband CATV Single Ended 5-Way Active Splitter
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452_15 Datasheet
855Kb / 7P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_17 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com