Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-009560 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009560
Description  RF Driver Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009560 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009560 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009560 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009560 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009560 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RF Driver Amplifier
250 - 4000 MHz
Rev. V1
MAAM-009560
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Output Intercept Point of +42 dBm over a 20 dB
Input Power Range
• Broadband Operation
• Lead-Free SOT-89 Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
• Class 2 ESD Rating
Description
The MAAM-009560 RF driver amplifier is a GaAs
MMIC
which
exhibits
exceptional
linearity
performance over a >20 dB dynamic range, as well
as featuring high gain in a lead-free miniature
SOT-89 surface mount plastic package. The device
is biased with a single +5 volt supply and consumes
225 mA typically.
The MAAM-009560 is fabricated using an HBT
process to realize low current and high linearity. The
process features full passivation for increased
performance and reliability.
Ordering Information 1,2
Part Number
Package
MAAM-009560-000000
Bulk Packaging
MAAM-009560-TR3000
3000 piece reel
MAAM-009560-001SMB
Sample Board
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Maximum Operating Conditions 3
Parameter
Maximum Operating
Conditions
Junction Temperature4
170 °C
RF Output Power
28 dBm
Operating Temperature
-40 °C to +85 °C
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
RF Output Power
29 dBm
Voltage
6 volts
Storage Temperature
-65 °C to +150 °C
Junction Temperature
210 °C
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF Input
3
RF Output/Bias
2
Ground
Functional Schematic
RF In
RF Out
Pin 1
RF In
RF Out / Bias
Pin 1
RF In
RF Out
Pin 1
RF In
RF Out / Bias
Pin 1
3. These operating conditions will ensure MTTF > 1 x 106 hours.
4. Junction Temperature (TJ) = TA + Өjc * ((V * I) - (POUT - PIN))
Typical thermal resistance (Өjc) = 47° C/W
a) For TA = 25°C,
TJ = 73 °C @ 5 V, 225 mA, POUT = 20 dBm, PIN = 5 dBm
b) For TA = 85°C,
TJ = 123 °C @ 5 V, 180 mA, POUT = 20 dBm, PIN = 5.5 dBm
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - MAAM-009560

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009560-000000 MA-COM-MAAM-009560-000000 Datasheet
889Kb / 5P
   RF Driver Amplifier
MAAM-009560-001SMB MA-COM-MAAM-009560-001SMB Datasheet
889Kb / 5P
   RF Driver Amplifier
MAAM-009560-TR3000 MA-COM-MAAM-009560-TR3000 Datasheet
889Kb / 5P
   RF Driver Amplifier
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
More results

Similar Description - MAAM-009560

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
   RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
   RF Driver Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_14 Datasheet
427Kb / 16P
   RF Driver Amplifier
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563 Datasheet
241Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5604 AD-ADL5604_17 Datasheet
777Kb / 23P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009563 MA-COM-MAAM-009563_15 Datasheet
855Kb / 6P
   RF Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com