Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE275X2-501N16A Datasheet(PDF) 2 Page - IXYS Corporation

Part # DE275X2-501N16A
Description  RF Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DE275X2-501N16A Datasheet(HTML) 2 Page - IXYS Corporation

  DE275X2-501N16A Datasheet HTML 1Page - IXYS Corporation DE275X2-501N16A Datasheet HTML 2Page - IXYS Corporation DE275X2-501N16A Datasheet HTML 3Page - IXYS Corporation DE275X2-501N16A Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DE275X2-501N16A
RF Power MOSFET
Symbol
Test Conditions
Characteristic Values
(TJ = 25°C unless otherwise specified)
min.
typ.
max.
RG
0.3
Ciss
1800
pF
Coss
VGS = 0 V, VDS = 0.8 VDSS(max),
f = 1 MHz
150
pF
Crss
45
pF
Td(on)
3
ns
Ton
VGS = 15 V, VDS = 0.8 VDSS
ID = 0.5 IDM
RG = 0.2 Ω (External)
2
ns
Td(off)
4
ns
Toff
5
ns
Qg(on)
50
nC
Qgs
VGS = 10 V, VDS = 0.5 VDSS
ID = 0.5 ID25
20
nC
Qgd
30
nC
Cstray
Back Metal to any Pin
21
pF
Source-Drain Diode
Characteristic Values
(TJ = 25°C unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
IS
VGS = 0 V
16
A
ISM
Repetitive; pulse width limited by TJM
186
A
VSD
1.5
V
Trr
200
ns
IF = IS, VGS = 0 V,
Pulse test, t
≤ 300 µs, duty cycle ≤ 2%
QRM
IF = IS, -di/dt = 100A/µs,
VR = 100V
0.8
µC
IRM
6.5
A
IXYS RF reserves the right to change limits, test conditions and dimensions.
IXYS RF MOSFETS are covered by one or more of the following U.S. patents:
4,835,592
4,850,072
4,881,106
4,891,686
4,931,844
5,017,508
5,034,796
5,049,961
5,063,307
5,187,117
5,237,481
5,486,715
5,381,025
5,640,045
(1) These parameters apply to the package, not individual MOSFET devices.
For detailed device mounting and installation instructions, see the “DE-
Series MOSFET Mounting Instructions” technical note on IXYS RF’s web
site at www.ixysrf.com/Technical_Support/App_notes.html


Similar Part No. - DE275X2-501N16A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
78Kb / 3P
   RF Power MOSFET
More results

Similar Description - DE275X2-501N16A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
   RF Power MOSFET
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
   RF Power MOSFET
logo
Advanced Power Technolo...
ARF1518 ADPOW-ARF1518 Datasheet
100Kb / 3P
   RF POWER MOSFET
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
   RF Power MOSFET
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
   RF Power MOSFET
IXZH10N50LA IXYS-IXZH10N50LA Datasheet
266Kb / 9P
   RF Power MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
BLF245 ASI-BLF245 Datasheet
21Kb / 1P
   RF POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com