Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8695X Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # KS8695X
Description  Integrated Multi-Port High-Performance Gateway Solution Rev. 1.03
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8695X Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button KS8695X_11 Datasheet HTML 3Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 4Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 5Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 6Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 7Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 8Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 9Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 10Page - Micrel Semiconductor KS8695X_11 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Micrel, Inc.
KS8695X
June 2006
7
M9999-060106
Pin Number
Pin Name
Type
(1)
Pin Function
33
DATA29
I/O
External Data Bit.
34
VDD-IO
P
3.3V Digital I/O Circuitry VDD.
35
VSS-IO
Gnd
Digital I/O VSS.
36
DATA28
I/O
External Data Bit.
37
DATA27
I/O
External Data Bit.
38
DATA26
I/O
External Data Bit.
39
DATA25
I/O
External Data Bit.
40
DATA24
I/O
External Data Bit.
41
DATA23
I/O
External Data Bit.
42
DATA22
I/O
External Data Bit.
43
VDD-CORE
P
1.8V Digital Core VDD.
44
VSS-CORE
Gnd
Digital Core VSS.
45
DATA21
I/O
External Data Bit.
46
DATA20
I/O
External Data Bit.
47
VDD-IO
P
3.3V Digital I/O Circuitry VDD.
48
VSS-IO
Gnd
Digital I/O VSS.
49
DATA19
I/O
External Data Bit.
50
DATA18
I/O
External Data Bit.
51
DATA17
I/O
External Data Bit.
52
DATA16
I/O
External Data Bit.
53
VDD-IO
P
3.3V Digital I/O Circuitry VDD.
54
VSS-IO
Gnd
Digital I/O VSS.
55
DATA15
I/O
External Data Bit.
56
DATA14
I/O
External Data Bit.
57
DATA13
I/O
External Data Bit.
58
DATA12
I/O
External Data Bit.
59
DATA11
I/O
External Data Bit.
60
DATA10
I/O
External Data Bit.
61
DATA9
I/O
External Data Bit.
62
DATA8
I/O
External Data Bit.
63
VDD-IO
P
3.3V Digital I/O Circuitry VDD.
64
VSS-IO
Gnd
Digital I/O VSS.
65
DATA7
I/O
External Data Bit.
Note
:
1. Gnd = Ground.
P = Power supply.
I/O = Bidirectional.


Similar Part No. - KS8695X_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695X MICREL-KS8695X Datasheet
264Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solutions
More results

Similar Description - KS8695X_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
   Integrated Multi-Port PCI Gateway Solution
KS8695X MICREL-KS8695X Datasheet
264Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solutions
KS8695 MICREL-KS8695 Datasheet
160Kb / 4P
   CENTAUR Integrated Multi-Port Gateway Solutions
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
   High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
Advantech Co., Ltd.
968SPUSTL0 ADVANTECH-968SPUSTL0 Datasheet
1,015Kb / 2P
   Multi-solution integrated platform:
logo
List of Unclassifed Man...
88E6218 ETC2-88E6218 Datasheet
323Kb / 2P
   Link Street Integrated Gateway Router with Multi-Port QoS Switch
logo
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
Analog Devices
ADSP-21MOD970-110 AD-ADSP-21MOD970-110 Datasheet
80Kb / 6P
   Multiport Internet Gateway Processor Solution
REV. 0
logo
Advantech Co., Ltd.
ARK-1382 ADVANTECH-ARK-1382 Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com