Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8721BL Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KS8721BL
Description  3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8721BL Datasheet(HTML) 2 Page - Micrel Semiconductor

  KS8721BL_11 Datasheet HTML 1Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 2Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 3Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 4Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 5Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 6Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 7Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 8Page - Micrel Semiconductor KS8721BL_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Micrel, Inc.
KS8721BL/SL
June 2009
2
M9999-062509-1.3
Features (continued)
• Supports auto-negotiation and manual selection for
10/100Mbps speed and full-/half-duplex modes
• On-chip, built-in, analog front-end filtering for both
100BASE-TX and 10BASE-T
• LED outputs for link, activity, full-/half-duplex, collision,
and speed
• Supports back-to-back, FX to TX for media converter
applications
• Supports MDI/MDI-X auto-crossover
• KS8721BL is a drop-in replacement for the KS8721BT
in the same footprint
• KS8721SL is a drop-in replacement for the KS8721B
in the same footprint
• Commercial Temperature Range: 0oC to +70oC
• Industrial Temperature Range: –40oC to +85oC
• Available in 48-pin SSOP and LQFP
Ordering Information
Part Number
Temp. Range
Package
Lead Finish
KS8721BL
0
oC to 70oC
48-Pin LQFP
Standard
KS8721SL
0
oC to 70oC
48-Pin SSOP
Standard
KS8721BLI
–40
oC to +85oC
48-Pin LQFP
Standard
KSZ8721BL
0
oC to 70oC
48-Pin LQFP
Lead-Free
KSZ8721SL
0
oC to 70oC
48-Pin SSOP
Lead-Free
KSZ8721BLI
–40
oC to +85oC
48-Pin LQFP
Lead-Free
KSZ8721SLI
–40
oC to +85oC
48-Pin SSOP
Lead-Free


Similar Part No. - KS8721BL_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BLI MICREL-KS8721BLI Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8721BL_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com