Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8993M Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # KS8993M
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 3 Page - Micrel Semiconductor

  KS8993M_11 Datasheet HTML 1Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 2Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 3Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 4Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 5Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 6Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 7Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 8Page - Micrel Semiconductor KS8993M_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Micrel, Inc.
KSZ8993M/ML
October 2008
3
M9999-020606
• Switch Management Features
– Port mirroring/monitoring/sniffing: ingress and/or
egress traffic to any port or MII
– MIB counters for fully compliant statistics
gathering, 34 MIB counters per port
– Loopback modes for remote diagnostic of failure
• Low Power Dissipation: <0.8 Watts (includes PHY
transmit drivers)
– Full-chip hardware power-down (register
configuration not saved)
– Per port based software power-save on PHY (idle
link detection, register configuration preserved)
– 0.18um CMOS technology
– Voltages: Core 1.8V
I/O and Transceiver 3.3V
Use K8993ML for 3.3V only operation
• Available in128-Pin PQFP
Applications
• Universal Solutions
– Broadband gateway / Firewall / VPN
– Integrated DSL or cable modem multi-port router
– Wireless LAN access point + gateway
– Residential and enterprise VoIP gateway/phone
– Set-top/game box
– Home networking expansion
– Standalone 10/100 switch
– FTTx customer premises equipment
– Fiber broadband gateway
• Upgradeable Solutions
(1)
– Unmanaged switch with future option to migrate to
a managed solution
– Single PHY alternative with future expansion
option for two ports
• Industrial Solutions
– Applications requiring port redundancy and port
monitoring
– Sensor devices in redundant ring topology
Note:
1. The cost and time of PCB re-spin.


Similar Part No. - KS8993M_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993MI MICREL-KS8993MI Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KS8993ML MICREL-KS8993ML Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
More results

Similar Description - KS8993M_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com