Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-009778-001SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009778-001SMB
Description  Broadband CATV 4-Way Active Splitter with Default Loop-Through
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009778-001SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009778-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-009778-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Broadband CATV 4-Way Active Splitter with Default Loop-Through
Switch 50 - 1100 MHz
Rev. V1
MAAM-009778
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VDD
VC
IN - OUT1, 2 or 3
IN - OUT4
1
1
On
On
0
0
Off
On
Truth Table9
9. Logic “1” for VDD = +5 volts and VC = +3.3 volts typical.
Schematics Including Off-Chip Components10
10.The exposed pad centered on the package bottom must be connected to ground for RF, DC and thermal considerations.
Power On Condition
Power Off, Default on Condition
Parameter
Absolute Maximum
Max Input Power
+5 dBm
VDD
+10.0 V
Operating Temperature
-40°C to +85°C
Junction Temperature 8
+150°C
Storage Temperature
-65°C to +150°C
VC
+8.5 V
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
7. These operating conditions will ensure MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TA + Өjc * (V * I)
Typical thermal resistance (Өjc) = 73 °C/W.
a) For TA = 25°C,
TJ = 72 °C @ 5.0 V, 130 mA
b) For TA = 85°C,
TJ = 129 °C @ 5.0 V, 120 mA
Absolute Maximum Ratings 5,6,7


Similar Part No. - MAAM-009778-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009778-001SMB MA-COM-MAAM-009778-001SMB Datasheet
1Mb / 9P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through
More results

Similar Description - MAAM-009778-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009778 MA-COM-MAAM-009778_15 Datasheet
1Mb / 9P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through
MAAM-009778 MA-COM-MAAM-009778 Datasheet
524Kb / 8P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_13 Datasheet
2Mb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_17 Datasheet
1Mb / 9P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-010237 MA-COM-MAAM-010237_15 Datasheet
1Mb / 9P
   Broadband CATV 8-Way Active Splitter with default loop-through Switch
MAAM-010237-V1 MA-COM-MAAM-010237-V1 Datasheet
666Kb / 8P
   Broadband CATV 8-Way Active Splitter with default loop-through Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com