Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-009879-001SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009879-001SMB
Description  Broadband CATV 2-Way Active Splitter with default loop-thru Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009879-001SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009879-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-009879-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Broadband CATV 2-Way Active Splitter with default loop-thru Switch
50 - 1100 MHz
Rev. V1
MAAM-009879
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Always ON loop-thru path
• 2-Way Splitter
• 4.0 dB Gain
• +15 dBmV /Channel Input
• 4.5 dB Noise Figure
• Single 5 Volt Supply
• Lead-Free 3 mm 12-Lead PQFN Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAM-009879 CATV 2-way active splitter with
the default loop-thru path is a GaAs MMIC which
exhibits low noise figure and distortion in a lead-free
3mm 12-lead PQFN plastic package. The design
features 75 Ω inputs and outputs.
The MAAM-009879 is ideally suited for multi-tuner
set top boxes, home gateways, and other broadband
internet based applications.
The MAAM-009879 is fabricated using M/A-COM
Technology’s E/D pHEMT process to realize default
loop-thru operation, low noise and low distortion.
The process features full passivation for robust
performance and reliability.
Ordering Information 1,2
Part Number
Package
MAAM-009879-TR3000
3000 piece reel
MAAM-009879-001SMB
Sample Test Board
MAAM-009879-TR1000
1000 piece reel
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic, Default On, Power Off
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Functional Schematic, Power On
Pin Configuration3
Pin No.
Pin Name
Description
1
VC
Voltage Control
2
IN
RF Input
3
OUT2
RF Output 2
4
S1
Switch Loop thru In
5
ALT
Alternate Output
6
N/C
No Connection
7
N/C
No Connection
8
N/C
No Connection
9
OUT1
RF Output 1
10
FB
Amplifier Feedback
11
AIN
Amplifier Input
12
S2
Switch Output
13
Paddle
RF and DC Ground
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MAAM-009879-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009879-001SMB MA-COM-MAAM-009879-001SMB Datasheet
1Mb / 9P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
More results

Similar Description - MAAM-009879-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009879 MA-COM-MAAM-009879_17 Datasheet
1Mb / 9P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
MAAM-009879 MA-COM-MAAM-009879_15 Datasheet
327Kb / 8P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
MAAM-009879 MA-COM-MAAM-009879 Datasheet
327Kb / 8P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
MAAM-009450 MA-COM-MAAM-009450 Datasheet
470Kb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-thru Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_13 Datasheet
2Mb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-009778 MA-COM-MAAM-009778 Datasheet
524Kb / 8P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through Switch
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com