Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20-391K-RC Datasheet(PDF) 2 Page - Allied Components International

Part # AM20-391K-RC
Description  Axial Molded Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AM20-391K-RC Datasheet(HTML) 2 Page - Allied Components International

  AM20-391K-RC Datasheet HTML 1Page - Allied Components International AM20-391K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Molded Inductors
AM20
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.250±0.01
(6.35±0.25)
0.095±0.01
(2.41±0.25)
24 AWG
Dimensions:
Inches
(mm)
RoHS
nominal
1.15
(29)
nominal
1.15
(29)
Electrical
Inductance Range: .022µh to 1000µh.
Tolerance: 10% over entire range.
Tighter tolerances available.
Rated Current: Based on Inductance
Drop <10ºC at rated current.
Test Procedures: L and Q measured
with HP4342A Q-Meter at specified
Frequency. DCR measured on
CH-301. SRF measured on HP-4191A,
HP4291B.
Dielectric Strength: 1000 Volts R.M.S.
at sea level.
Operating Temp.: -55°C to +125°C.
Physical
Marking (on part): 5 Band Color Code
per MIL-C-15305.
Marking (on reel): Manufacturers
Packaging (bulk): 1000 pieces per bag.
Packaging (reel): 5000 pieces per reel.
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
For Tape and Reel packaging please
add ”-TR” to the part number.
REVISED 10/20/10
PG 2 OF 2
AM20-102K-RC
AM20-271K-RC
270
10
30
.79
8.0
25.0
47
AM20-331K-RC
330
10
30
.79
7.0
28.0
45
AM20-391K-RC
390
10
30
.79
6.5
35.0
40
AM20-471K-RC
470
10
30
.79
6.0
42.0
36
AM20-561K-RC
560
10
30
.79
5.0
46.0
35
AM20-681K-RC
680
10
30
.79
4.2
60.0
30
AM20-821K-RC
820
10
30
.79
3.8
65.0
29
1000
10
30
.79
3.4
72.0
28


Similar Part No. - AM20-391K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM20-391K-RC ALLIED-AM20-391K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
More results

Similar Description - AM20-391K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM3F CT-CTM3F Datasheet
166Kb / 1P
   Molded Inductors - Axial
CTM1F CT-CTM1F Datasheet
197Kb / 1P
   Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
   Molded Inductors - Axial
logo
Allied Components Inter...
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
   Axial Molded Inductors
logo
Central Technologies
CTM2F CT-CTM2F Datasheet
197Kb / 1P
   Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
   Molded Inductors - Axial
REV 01.25.18
logo
Allied Components Inter...
AM30-R10M-RC ALLIED-AM30-R10M-RC_10 Datasheet
896Kb / 1P
   Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
   Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
   Axial Molded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com