Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0008 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0008
Description  Digital Attenuator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0008 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0008 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Digital Attenuator
15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
M/A-COM Products
Rev. 5
MAATCC0008
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
7.8
8.0
8.2
8.4
8.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
14.5
15.0
15.5
16.0
16.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Attenuation - 15 dB Attenuation
vs. Frequency
VSWR vs. Frequency
Reference Loss State
VSWR - 1 dB Bit vs. Frequency
Typical Performance Curves
VSWR - 2 dB Bit vs. Frequency
VSWR - 4 dB Bit vs. Frequency
Attenuation - 8 dB Bit vs. Frequency
RF2
RF1
RF2
RF1
RF2
RF1
RF2
RF1
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC


Similar Part No. - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0008 MA-COM-MAATCC0008 Datasheet
214Kb / 5P
   Digital Attenuator
MAATCC0008 MA-COM-MAATCC0008 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
logo
Tyco Electronics
MAATCC0008-TB MACOM-MAATCC0008-TB Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com