Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N70 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N70
Description  2 Amps, 700 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70 Datasheet(HTML) 3 Page - Unisonic Technologies

  2N70 Datasheet HTML 1Page - Unisonic Technologies 2N70 Datasheet HTML 2Page - Unisonic Technologies 2N70 Datasheet HTML 3Page - Unisonic Technologies 2N70 Datasheet HTML 4Page - Unisonic Technologies 2N70 Datasheet HTML 5Page - Unisonic Technologies 2N70 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-334.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
30
ns
Turn-On Rise Time
tR
80
ns
Turn-Off Delay Time
tD(OFF)
50
ns
Turn-Off Fall Time
tF
VDD =350V, ID =2.0A, RG=25Ω
(Note 1, 2)
70
ns
Total Gate Charge
QG
8.1
11
nC
Gate-Source Charge
QGS
1.7
nC
Gate-Drain Charge
QGD
VDS=560V, VGS=10V, ID=2.0A
(Note 1, 2)
4.4
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Reverse Recovery Time
tRR
260
ns
Reverse Recovery Charge
QRR
VGS = 0 V, ISD = 2.0A
di/dt = 100 A/μs (Note1)
1.09
μC
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature


Similar Part No. - 2N70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70-M UTC-2N70-M Datasheet
193Kb / 7P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
National Semiconductor ...
2N7000 NSC-2N7000 Datasheet
220Kb / 10P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
2N7000 UTC-2N7000 Datasheet
361Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
logo
Motorola, Inc
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
More results

Similar Description - 2N70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70L UTC-2N70L Datasheet
181Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70K UTC-2N70K Datasheet
266Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70 Datasheet
150Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
4N70 UTC-4N70 Datasheet
224Kb / 6P
   4 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com