Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N90G-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N90G-TF3-T
Description  2 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N90G-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2N90G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2N90G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2N90G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2N90G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 2N90G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 2N90G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-478.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (Note 1)
VDSS
900
V
Gate-Source Voltage
VGSS
±30
V
Continuous
ID
2.2
A
Drain Current
Pulsed (Note 1)
IDM
8.8
A
Avalanche Current (Note 1)
IAR
2.2
A
Single Pulsed (Note 2)
EAS
170
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
8.5
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.0
V/ns
TO-220F
25
W
Power Dissipation
TO-252
PD
43
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
THERMAL CHARACTERISTICS
PARAMETER
PACKAGE
SYMBOL
RATINGS
UNIT
TO-220F
62.5
°C/W
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220F
5
°C/W
Junction to Case
TO-252
θJC
2.85
°C/W


Similar Part No. - 2N90G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N90G-TF3-T UTC-2N90G-TF3-T Datasheet
203Kb / 6P
   2A, 900V N-CHANNEL POWER MOSFET
2N90G-TF3-T UTC-2N90G-TF3-T Datasheet
271Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 2N90G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
   11 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com