Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR33MF51YIPF Datasheet(PDF) 8 Page - Sharp Corporation

Part # PR33MF51YIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51YIPF Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PR33MF51YIPF Datasheet HTML 4Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 5Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 6Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 7Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 8Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 9Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 10Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 11Page - Sharp Corporation PR33MF51YIPF Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
■ Design Considerations
● Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Input
Input signal current at ON state
IF(ON)
20
25
mA
Input signal current at OFF state
IF(OFF)
0
0.1
mA
Output
Load supply voltage
VOUT(rms)
−−
240
V
Load supply current
IOUT(rms)
Locate snubber circuit between output terminals
(Cs=0.022μF, Rs=47Ω)
IT(rms)×
80%(*)
A
Frequency
f
50
60
Hz
Operating temperature
Topr
−−20
80
˚C
(*) See Fig.2 about derating curve (IT(rms) vs. ambient temperature).
● Degradation
In order for the SSR to turn off, the triggering current (IF) must be 0.1mA or less
In phase control applications or where the SSR is being by a pulse signal, please ensure that the pulse width
is a minimum of 1ms.
When the input current (IF) is below 0.1mA, the output Triac will be in the open circuit mode. However, if the
voltage across the Triac, VD, increases faster than rated dV/dt, the Triac may turn on. To avoid this situa-
tion, please incorporate a snubber circuit. Due to the many different types of load that can be driven, we can
merely recommend some circuit values to start with : Cs=0.022μF and Rs=47Ω. The operation of the SSR
and snubber circuit should be tested and if unintentional switching occurs, please adjust the snubber circuit
component values accordingly
When making the transition from On to Off state, a snubber circuit should be used ensure that sudden drops
in current are not accompanied by large instantaneous changes in voltage across the Triac.
This fast change in voltage is brought about by the phase difference between current and voltage.
Primarily, this is experienced in driving loads which are inductive such as motors and solenods.
Following the procedure outlined above should provide sufficient results.
Any snubber or Varistor used for the above mentioned scenarios should be located as close to the main out-
put triac as possible.
All pins shall be used by soldering on the board. (Socket and others shall not be used.)
● Degradation
In general, the emission of the IRED used in SSR will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these SSRs should provide at least
twice the minimum required triggering current from initial operation.


Similar Part No. - PR33MF51YIPF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR33MF11NIPF SHARP-PR33MF11NIPF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11NSZ SHARP-PR33MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11NSZF SHARP-PR33MF11NSZF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11YIPF SHARP-PR33MF11YIPF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11YSZF SHARP-PR33MF11YSZF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR33MF51YIPF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
   Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com