Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR39MF51NSZF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PR39MF51NSZF
Description  Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF51NSZF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PR39MF51NSZF Datasheet HTML 2Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 3Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 4Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 5Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 6Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 7Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 8Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 9Page - Sharp Corporation PR39MF51NSZF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
PR39MF51NSZ Series
0
10
20
30
40
50
60
70
Ambient temperature Ta (˚C)
−30
0
50
100
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D4-A00801EN
0
0.2
0.4
0.6
0.8
1.0
Ambient temperature Ta (˚C)
−30
0
50
100
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Minimum Trigger Current vs.
Ambient Temperature
0
2
4
6
10
8
12
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=6V
RL
=100Ω
0.8
1.0
0.9
1.1
1.2
1.3
1.4
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IT
=0.9A
Fig.5 ON-state Voltage vs.
Ambient Temperature
Fig.6 Relative Holding Current vs.
Ambient Temperature
10
1 000
100
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=6V
50
5
1
100
10
0.5
01
1.5
2
2.5
3
−25˚C
50˚C
Forward voltage VF (V)
Ta
=75˚C
0˚C
25˚C


Similar Part No. - PR39MF51NSZF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR39MF11NIPF SHARP-PR39MF11NIPF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF11NSZ SHARP-PR39MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
PR39MF11NSZ SHARP-PR39MF11NSZ Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF11NSZF SHARP-PR39MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF11YIPF SHARP-PR39MF11YIPF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR39MF51NSZF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com