Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA684-x-T9N-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SA684-x-T9N-K
Description  PNP SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA684-x-T9N-K Datasheet(HTML) 4 Page - Unisonic Technologies

  2SA684-x-T9N-K Datasheet HTML 1Page - Unisonic Technologies 2SA684-x-T9N-K Datasheet HTML 2Page - Unisonic Technologies 2SA684-x-T9N-K Datasheet HTML 3Page - Unisonic Technologies 2SA684-x-T9N-K Datasheet HTML 4Page - Unisonic Technologies 2SA684-x-T9N-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA684
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R211-006.C
TYPICAL CHARACTERISTICS(Cont.)
Collector to Emitter Voltage vs.
Base to Emitter Resistance
100
Base to Emitter Resistance, RBE (KΩ)
0
-40
-60
-80
-100
-120
-20
0.1
0.3
13
10
30
IC=-10mA
Ta=25℃
VCE=-10V
0
20 40 60 80 100 120 140 160
Ambient Temperature, Ta (℃)
1
10
10
2
10
3
10
4
Collector to Emitter Current vs.
Ambient Temperature
Area Of Safe Operation (ASO)
-100
Collector To Emitter Voltage, VCE (V)
-0.001
-0.01
-0.1
-1
-3
-10
-0.003
-0.1 -0.3
-1
-3
-10
-30
-0.03
-0.3
Single Pulse
Ta=25℃
ICP
t=1s
t=10ms


Similar Part No. - 2SA684-x-T9N-K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SA684-TA DGNJDZ-2SA684-TA Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SA684-x-T9N-K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com