Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHC03-1N6K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # CHC03-1N6K-RC
Description  Ceramic Core High Current Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CHC03-1N6K-RC Datasheet(HTML) 1 Page - Allied Components International

  CHC03-1N6K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available in tighter tolerances.
CHC03 Ceramic Core High Current Chip Inductor
Features
Electrical
Tolerance: 5% over entire range
Available in in tighter tolerances
Test Frequency: At specified Frequency with
Test OSC @ 200mV.
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
25ºC Amient.
Resistance to Soldering Heat
Test Equipment
Physical
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
2400
2300
2100
2000
2000
2000
1900
1800
1800
Irms
(mA)
CHC03-1N6K-RC
CHC03-3N6K-RC
CHC03-7N5K-RC
CHC03-8N2K-RC
CHC03-10NK-RC
CHC03-12NK-RC
CHC03-15NK-RC
CHC03-22NK-RC
CHC03-24NK-RC
Allied
Part
Number
Inductance
(nH)
Tolerance
(%)
Min.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
1.6
3.6
7.5
8.2
10
12
15
22
24
250/250
250/250
250/250
250/250
250/250
250/250
250/250
250/250
250/250
24
24
35
38
38
38
38
42
42
12500
5900
3700
3700
3700
3000
2800
2400
2400
.030
.048
.059
.071
.071
.075
.080
.099
.105
L/QTest
Freq.
(MHz)
10
10
10
10
10
10
10
10
10
1900
CHC03-18NK-RC
18
250/250
40
2800
.099
10
2200
2100
CHC03-3N9K-RC
CHC03-6N8K-RC
3.9
6.8
250/250
250/250
25
35
5900
5800
.054
.054
10
10
Q
• 0603 size suitable for pick and place
automation.
• Ceramic core provide high self resonant
frequency.
• High Q values at high frequencies
Inductance Range: 1.6nH to 24nH
Test Method: Reflow Solder the device
onto PCB.
Peak Temp: 260ºC ± 5ºC for 10 sec.
Solder Composition: Sn/Ag3.0/Cu0.5
(L/Q): HP4286A / HP4287A / Agilent E4491A
(DCR): Chen Hwa 502NC
(SRF): HP8753D / Agilent E4991A
(Irms): HP4284A + HP42841A / HP4285A
+ HP4284A + HP42841A
Packaging: 4000 pieces per 7 inch reel
Marking: Single Dot Color Code System
REVISED 06/09/10
Max.
Dimensions:
Inches
(mm)
• Low DC resistance
• High Current and low loss excellent for
RF applications.
Total test time: 6 minutes
Terminal wrap around:
0.15 mm min. Both Ends


Similar Part No. - CHC03-1N6K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC Datasheet
422Kb / 1P
   Ceramic Core High Q Chip Inductors
More results

Similar Description - CHC03-1N6K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CHQ02 ALLIED-CHQ02 Datasheet
414Kb / 1P
   Ceramic Core High Current Chip Inductor
CHC03 ALLIED-CHC03 Datasheet
424Kb / 1P
   Core High Current Chip Inductor
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
logo
Allied Components Inter...
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CLC02-1N0_-RC ALLIED-CLC02-1N0_-RC Datasheet
315Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
FCHC10-1R0K-RC ALLIED-FCHC10-1R0K-RC Datasheet
361Kb / 1P
   Ferrite Core Chip Inductors High Current
FCHC10 ALLIED-FCHC10 Datasheet
362Kb / 1P
   Ferrite Core Chip Inductors High Current
FCHC20-R47K-RC ALLIED-FCHC20-R47K-RC Datasheet
454Kb / 1P
   Ferrite Core Chip Inductors High Current
FCHC20 ALLIED-FCHC20 Datasheet
465Kb / 1P
   Ferrite Core Chip Inductors High Current
MCHC40 ALLIED-MCHC40 Datasheet
408Kb / 1P
   Molded Chip Inductor High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com