Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC02-2N2_-RC Datasheet(PDF) 1 Page - Allied Components International

Part # CLC02-2N2_-RC
Description  Ceramic Core Laser Cut Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CLC02-2N2_-RC Datasheet(HTML) 1 Page - Allied Components International

  CLC02-2N2_-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S, B
S, B
S, B
S, B
S, B
S, B
S, B
J, B
J, G
J, G
J, G
J, G
J, G
J, G
J, G
J, G
J, G
0.08
0.09
0.10
0.12
0.15
0.17
0.19
0.35
0.45
0.70
0.80
1.70
2.10
2.50
4.00
4.50
5.50
IDC
Max.
(mA)
* Please complete the part number with your required tolerance, S= ±0.3nH, B= ± 0.2nH, J= ±5%, G= ±2%
Allied
Part
Number
Inductance
(nh)
Tolerances
Q
Min.
SRF
(MHz)
DCR
Max.
(
Ω)
Q
Typical
@800MHz
1.8
2.2
2.7
3.3
3.9
4.7
5.6
8.2
12
18
22
39
47
56
68
82
100
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
6000
6000
5500
5500
5200
4800
4600
3500
2800
2200
2000
1800
1800
1500
1500
1400
1200
400
400
400
400
360
360
340
320
320
240
200
150
140
130
120
110
90
21
21
21
21
20
20
20
19
19
19
19
18
17
17
15
15
14
CLC02
Ceramic Core Laser Cut Chip Inductor
Physical
Packaging: 10000 pieces per 7 inch reel.
CLC02-1N8_-RC
CLC02-2N2_-RC
CLC02-2N7_-RC
CLC02-3N3_-RC
CLC02-3N9_-RC
CLC02-4N7_-RC
CLC02-5N6_-RC
CLC02-8N2_-RC
CLC02-12N_-RC
CLC02-18N_-RC
CLC02-22N_-RC
CLC02-39N_-RC
CLC02-47N_-RC
CLC02-56N_-RC
CLC02-68N_-RC
CLC02-82N_-RC
CLC02-R10_-RC
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
0.039±0.004
(1.0±0.10)
0.020±0.004
(0.50±0.10)
0.022
(0.55)
0.020
(0.50)
0.008±0.004
(0.20±0.10)
0.020±0.004
(0.50±0.10)
Typical
All specifications subject to change without notice.
Features
• 0402 EIA Size
• Available in 2% Tolerance
Electrical
Inductance range: 1.0nh to 100nh
Tolerance: see table for tolerance options
Test Frequency: 100MHz
Test Equipment
(RDC): HP4338 Millihohm meter
(SRF):
HP8753E Network Analyzer
11/12/10
Operating Temperature: -40ºC-100ºC
(L/Q): HP4291B Impedance Analyzer
with HP16192 Fixture
CLC02-1N0_-RC
1.0
S, B
8
6000
0.05
400
21
CLC02-1N2_-RC
CLC02-1N5_-RC
1.2
1.5
S, B
S, B
8
8
21
21
6000
6000
0.07
0.06
400
400
CLC02-6N8_-RC
6.8
J, B
8
19
4000
0.30
320
CLC02-10N_-RC
10
J, G
8
19
2800
0.41
320
CLC02-15N_-RC
15
J, G
8
19
2500
0.60
240
CLC02-27N_-RC
27
J, G
8
19
1800
1.20
200
CLC02-33N_-RC
33
J, G
8
18
1800
1.40
170
@100 MHz
Available
*SeeBelow
• High Self Resonant Frequencies
• Stable Performance at High Frequencies
• Suitable for Flow and Reflow Soldering
• Non-Magnetic core assures excellent
thermal stability and batch consistency
IDC: Based on 15ºC temperature rise
@ 25ºC Ambient.
Marking:
N/A


Similar Part No. - CLC02-2N2_-RC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
CITIZEN ELECTRONICS CO....
CLC020-057A5 CITIZEN-CLC020-057A5 Datasheet
834Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
CLC020-057A5-273H3D2-18 CITIZEN-CLC020-057A5-273H3D2-18 Datasheet
834Kb / 16P
   This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5.
logo
National Semiconductor ...
CLC020BCQ NSC-CLC020BCQ Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results

Similar Description - CLC02-2N2_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
   Ceramic Core Laser Cut Chip Inductor
CHQ02 ALLIED-CHQ02 Datasheet
414Kb / 1P
   Ceramic Core High Current Chip Inductor
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC_10 Datasheet
424Kb / 1P
   Ceramic Core High Current Chip Inductor
logo
Bourns Electronic Solut...
CM100505_MDS BOURNS-CM100505_MDS Datasheet
71Kb / 1P
   CM100505 Series Laser-Cut Chip Inductors
logo
Central Technologies
CTLC0603F CT-CTLC0603F Datasheet
199Kb / 1P
   Laser Cut Inductors
CTLC0402F CT-CTLC0402F Datasheet
169Kb / 1P
   Laser Cut Inductors
logo
List of Unclassifed Man...
AMCC ETC-AMCC Datasheet
949Kb / 4P
   AMCC Series Cut Core FINEMET® F3CC Series Cut Core
Apr. 16
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
logo
Allied Components Inter...
CHC03 ALLIED-CHC03 Datasheet
424Kb / 1P
   Core High Current Chip Inductor
logo
BRIGHT LED ELECTRONICS ...
CC02-1N0K-RC BRIGHT-CC02-1N0K-RC_10 Datasheet
396Kb / 1P
   Ceramic Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com